Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 22Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
10XSC425
POWER OUTPUT TIMING HS0 TO HS3 (CONTINUED)
SRR10
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
400
900
1600
mV/
s
SRF10
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
400
1140
1600
mV/
s
tDLY_ON
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
40
87
160
s
tDLY_OFF
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
15
36
65
s
tRF
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
10
51
110
s
tFAULT
Fault Detection Blanking Time
1.0
5.0
20
s
(30)
tDETECT
Output Shutdown Delay Time
–
7.0
30
s
(31)
tCNSVAL
CSNS Valid Time
–
70
100
s
(32)
tWDTO
Watchdog Timeout
217
310
400
ms
(33)
TOLD(LED) ON OpenLoad Fault Cyclic Detection Time with LED
105
150
195
ms
Notes
30.
Time necessary to report the fault to FSB pin.
31.
Time necessary to switch-off the output in case of OT, or OC, or SC, or UV fault detection (from negative edge of FSB pin to HS
voltage = 50% of VPWR.
32.
Time necessary for CSNS to be within ±5.0% of the targeted value (from HS voltage = 50% of VPWR to ±5.0% of the targeted CSNS
value).
33.
For FSI open, the Watchdog timeout delay measured from the rising edge of RST, to HS[0,2] output state depend on the corresponding
input command.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com