Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 33Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 34Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 35Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 36Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 37Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 38Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 39Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 40Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
10XSC425
6.3.1.3
Severe Short-circuit Fault
The 10XSC425 provides output shutdown to protect each output, in case of a severe short-circuit during the output switching.
If the short-circuit impedance is below RSHORT, the device will latch the output OFF, FSB will go to a logic [0] and the fault register
SC[0:3] bit will be set to [1]. To delatch the fault and be able to turn the outputs ON again, the failure condition must disappear,
and the corresponding output must be commanded OFF and then ON (toggling fault_control signal of corresponding output), or
VSUPPLY(POR) condition if VDD = 0.
The SPI fault report (SC[0:3] bits) is removed after a read operation.
6.3.1.4
Overvoltage Fault (Enabled by default)
By default, the overvoltage protection is enabled. The 10XSC425 shuts down all outputs and FSB will go to a logic [0] during an
overvoltage fault condition on the VPWR pin (VPWR > VPWR(OV)). The outputs remain in the OFF state until the overvoltage
condition is removed (VPWR < VPWR(OV) - VPWR(OVHYS)). When experiencing this fault, the OVF fault bit is set to logic [1] and
cleared after either a valid SPI read.
The overvoltage protection can be disabled through the SPI (OV_dis bit is disabled set to logic [1]). The fault register reflects any
overvoltage condition (VPWR > VPWR(OV)). This overvoltage diagnosis, as a warning, is removed after a read operation, if the fault
condition disappears. The HS[0:3] outputs are not commanded in RDS(ON) above the OV threshold.
6.3.1.5
Undervoltage Fault
The output(s) will latch off at some battery voltage below VPWR(UV). As long as the VDD level stays within the normal specified
range, the internal logic states within the device will remain (configuration and reporting).
In the case where battery voltage drops below the undervoltage threshold (VPWR < VPWR(UV)), the outputs will turn off, FSB will
go to logic [0], and the fault register UV bit will be set to [1].
Two cases need to be considered when the battery level recovers (VPWR > VPWR(UV)_UP):
• If the output command is low, FSB will go to a logic [1], but the UV bit will remain set to 1 until the next read operation
(warning report).
• If the output command is ON, FSB will remain at logic [0]. To delatch the fault and be able to turn the outputs ON again, the
failure condition must disappear and the autoretry circuitry must be active, or the corresponding output must be commanded
OFF and then ON (toggling fault_control signal of corresponding output), or a VSUPPLY(POR) condition, if VDD = 0.
In extended mode, the output is protected by overtemperature shutdown circuitry. All previous latched faults, occurred when
VPWR is within the normal voltage range, are guaranteed if VDD is within the operational voltage range, or until VSUPPLY(POR), if
VDD = 0. Any new OT fault is detected (VDD failure included) and reported through SPI above VPWR(UV). The output state is
not changed, as long as the VPWR voltage does not drop any lower than 3.5 V (typical).
All latched faults (overtemperature, overcurrent, severe short-circuit, over and undervoltage) are reset if:
•VDD < VDD(FAIL) with VPWR in nominal voltage range,
•VDD and VPWR supplies is below the VSUPPLY(POR) voltage value.
Over-current thresholds
toff
depending to toff
Cooling
PWM
hson signal
fault_control
hson
Depending on toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com