Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
10XSC425
4
Electrical Characteristics
4.1
Maximum Ratings
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Value
Unit
Notes
ELECTRICAL RATINGS
VPWR(SS)
VPWR Supply Voltage Range
• Load Dump at 25 °C (400 ms)
• Maximum Operating Voltage
• Reverse Battery
41
28
-18
V
VDD
VDD Supply Voltage Range
-0.3 to 5.5
V
VDIG
Input / Output Voltage
-0.3 to 5.5
V
(5)
VSO
SO and CSNS Output Voltage
-0.3 to VDD+0.3
V
IDIG
Digital Input/Output Current in Clamp Mode
100
µA
ICL(WAKE)
WAKE Input Clamp Current
2.5
mA
ICL(CSNS)
CSNS Input Clamp Current
2.5
mA
VHS[0:3]
HS [0:3] Voltage
• Positive
• Negative
41
-24
V
VPWR - VHS
High Side Breakdown Voltage
47
V
IHS[0:3]
Output Current
6.0
A
(2)
ECL[0:1]
HS[0,1] Output Clamp Energy using single pulse method
60
mJ
(3)
ECL[2:3]
HS[2,3] Output Clamp Energy using single pulse method
25
mJ
(3)
VESD1
VESD2
VESD3
VESD4
ESD Voltage (VPWR Pins 9 and 33 must be externally connected.)
• Human Body Model (HBM) for HS[0:3], VPWR and GND
• Human Body Model (HBM) for other pins
• Charge Device Model (CDM)
Corner Pins (1, 13, 19, 21)
All Other Pins (2-12, 14-18, 20, 22-24)
±8000
±2000
±750
±500
V
(4)
Notes
2.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
3.
Active clamp energy using single-pulse method (L = 2.0 mH, RL = 0 , VPWR = 14 V, TJ = 150 C initial).
4.
Pins 9 and 33 must be externally connected. ESD testing is performed in accordance with the Human Body Model (HBM)
(CZAP = 100 pF, RZAP = 1500 ), the Machine Model (MM) (CZAP = 200 pF, RZAP = 0 ), and the Charge Device Model (CDM), Robotic
(CZAP = 4.0 pF).
5.
Input / Output pins are: IN[0:3], RSTB, FSI, SI, SCLK, CSB, and FSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com