Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
10XSC425
4.2
Static Electrical Characteristics
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
POWER INPUTS
VPWR
Battery Supply Voltage Range
• Fully Operational
• Extended mode
6.0
4.0
–
–
20
28
V
(9)
VPWR
(CLAMP)
Battery Clamp Voltage
41
47
53
V
(10)
IPWR(ON)
VPWR Operating Supply Current
• Outputs commanded ON, HS[0:3] open, IN[0:3] > VIH
–6.5
20
mA
IPWR(SBY)
VPWR Supply Current
• Outputs commanded OFF, OFF Open-load Detection Disabled,
HS[0:3] shorted to the ground with VDD = 5.5 V
WAKE > VIH or RSTB > VIH and IN[0:3] < VIL
–6.5
7.5
mA
IPWR(SLEEP) Sleep State Supply Current
VPWR = 12 V, RSTB = WAKE = IN[0:3] < VIL, HS[0:3] shorted to ground
•TA = 25 °C
•TA = 85 °C
–
–
1.0
–
5.0
30
A
VDD(ON)
VDD Supply Voltage
3.0–5.5
V
IDD(ON)
VDD Supply Current at VDD = 5.5 V
• No SPI Communication
•8.0 MHz SPI Communication
–
–
1.6
5.0
2.2
–
mA
(11)
IDD(SLEEP)
VDD Sleep State Current at VDD = 5.5 V
––
5.0
A
VPWR(OV)
Overvoltage Shutdown Threshold
28
32
36
V
VPWR
(OVHYS)
Overvoltage Shutdown Hysteresis
0.2
0.8
1.5
V
VPWR(UV)
Undervoltage Shutdown Threshold
3.3
3.9
4.3
V
(12)
VSUPPLY
(POR)
VPWR and VDD Power on Reset Threshold
0.5–0.9
VPWR
(UV)
VPWR(UV)
_UP
Recovery Undervoltage Threshold
3.4
4.1
4.5
V
VDD(FAIL)
VDD Supply Failure Threshold ( for VPWR > VPWR(UV) )
2.2
2.5
2.8
V
Notes
9.
In extended mode, the functionality is guaranteed but not the electrical parameters. From 4.0 to 6.0 V voltage range, the device is only
protected with the thermal shutdown detection.
10.
Measured with the outputs open.
11.
Typical value guaranteed per design.
12.
Output will automatically recover with time limited autoretry to instructed state when VPWR voltage is restored to normal as long as the
VPWR degradation level did not go below the undervoltage power-ON reset threshold. This applies to all internal device logic that is
supplied by VPWR and assumes that the external VDD supply is within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com