Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 3Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 4Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
10XSC425
3
Pin Connections
3.1
Pinout Diagram
Figure 3. 10XSC425 Pin Connections
3.2
Pin Definitions
Table 2. 10XSC425 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 28.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
WAKE
Input
Wake
This input pin controls the device mode.
2
RSTB
Input
Reset
This input pin is used to initialize the device configuration and fault registers,
as well as drive the device into a low-current Sleep mode.
3
CSB
Input
Chip Select
(Active Low)
This input pin is connected to a chip select output of a master microcontroller
(MCU).
4
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift clock for
SPI communication.
5
SI
Input
Serial Input
This pin is a command data input pin connected to the SPI Serial Data Output
of the MCU or to the SO pin of the previous device of a daisy
-chain of devices.
6
VDD
Power
Digital Drain Voltage
This pin is an external voltage input pin used to supply power interfaces to the
SPI bus.
7
SO
Output
Serial Output
This output pin is connected to the SPI Serial Data Input pin of the MCU or to
the SI pin of the next device of a daisy
-chain of devices.
Transparent Top View of Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
WAKE
RSTB
CSB
SCLK
SI
VDD
SO
GND
VPWR
HS3
HS3
HS3
HS3
HS1
HS1
HS1
FSB
IN3
IN2
IN1
IN0
CSNS
FSI
NC
HS2
HS2
HS2
HS2
HS0
HS0
HS0
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com