Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  10XSC425 Datasheet HTML 1Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 2Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 3Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 4Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
10XSC425
1
Orderable Parts
This section describes the part numbers available to be purchased along with their differences.
Valid orderable part numbers are provided on the web. To determine the orderable part numbers for this device, go to http://
www.freescale.com and perform a part number search for the following device numbers: 07XS and 17XS.
Table 1. Orderable Part Variations
Part Number (1)
Temperature (TA)
Package
Quad version
MC10XSC425EK
-40 to 125°C
32 pin SOIC exposed pad
Notes
1.
To Order parts in Tape & Real, add the R2 suffix to the part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com