Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 38Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 39Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 40Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 41Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 42Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 43Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
10XSC425
6.4.2
Device Register Addressing
The following section describes the possible register addresses (D[14:10]) and their impact on device operation.
6.4.2.1
Address XX000—Status Register (STATR_s)
The STATR register is used to read the device status and the various configuration register contents without disrupting the device
operation or the register contents. The register bits D[4:0] determine the content of the first sixteen bits of SO data. In addition to
the device status, this feature provides the ability to read the content of the PWMR_s, CONFR0_s, CONFR1_s, OCR_s, GCR
and CALR registers (Refer to the section entitled Serial Output Communication (Device Status Return Data).
6.4.2.2
Address A1A0001—Output PWM Control Register (PWMR_s)
The PWMR_s register allows the MCU to control the state of corresponding output through the SPI. Each output “s” is
independently selected for configuration, based on the state of the D14:D13 bits (Table 12).
A logic [1] on bit D8 (28W_s) selects the 28 W overcurrent protection profile: the overcurrent thresholds are divided by 2 and, the
inrush and cooling responses are dedicated to 28 W lamps for HS[0,1] outputs. This bit it not taken into account for HS[2,3]
outputs.
Bit D7 sets the output state. A logic [1] enables the corresponding output switch and a logic [0] turns it OFF (if IN input is also
pulled down). Bits D6:D0 set the output PWM duty-cycle to one of 128 levels for PWM_en is set to logic [1], as shown Table 7.
6.4.2.3
Address A1A0010—Output Configuration Register (CONFR0_S)
The CONFR0_s register allows the MCU to configure corresponding output switching through the SPI. Each output “s” is
independently selected for configuration based on the state of the D14:D13 bits (Table 12).
For the selected output, a logic [0] on bit D5 (DIR_DIS_s) will enable the output for direct control. A logic [1] on bit D5 will disable
the output from direct control (in this case, the output is only controlled by the On bit).
D4:D3 bits (SR1_s and SR0_s) are used to select the high, medium, or low speed slew rate for the selected output, the default
value [00] corresponds to the medium speed slew rate (Table 13).
Incoming message bits D2:D0 reflect the desired output that will be delayed of predefined PWM clock rising edges number, as
shown Table 8 (only available for PWM_en bit is set to logic [1]).
Table 12. Output Selection
A1 (D14)
A0 (D13)
HS Selection
0
0
HS0 (default)
01
HS1
10
HS2
11
HS3
Table 13. Slew Rate Speed Selection
SR1_s (D4)
SR0_s (D3)
Slew Rate Speed
0
0
medium (default)
01
low
1
0
high
11
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com