Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 65 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 65 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 61Page - Tyco Electronics 1-87159-7 Datasheet HTML 62Page - Tyco Electronics 1-87159-7 Datasheet HTML 63Page - Tyco Electronics 1-87159-7 Datasheet HTML 64Page - Tyco Electronics 1-87159-7 Datasheet HTML 65Page - Tyco Electronics 1-87159-7 Datasheet HTML 66Page - Tyco Electronics 1-87159-7 Datasheet HTML 67Page - Tyco Electronics 1-87159-7 Datasheet HTML 68Page - Tyco Electronics 1-87159-7 Datasheet HTML 69Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 321 page
background image
65
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
AMPMODU 2mm Connectors (Board to Board)
AMPMODU 2mm connectors
reliably and economically
meet the packaging and
inter-connection
requirements of today’s
miniature sophisticated
electronics. They are ideal
for mobile and portable
personal computers and disk
drive applications. In today’s
marketplace, 2mm is
expanding over many other
industry segments due to
space constraints.
This versatile double-
row connector system is
comprised of various
straight and right-angle
posted headers for
thru-hole and surface
mounting and several
closed top-entry
receptacle assemblies
for vertical and horizontal
mounting. Headers and
receptacle assemblies are
available in selected sizes
ranging from 4 through
80 positions.
Thru-hole breakaway
headers feature brass
straight or right-angle
posts with a post length of
4.0 [.16] and a lead length
of 2.6 [.10].
The receptacle assemblies
employ phosphor bronze
contacts with dual canti-
lever beams and built-in
anti-overstress. This feature,
coupled with duplex
(gold/tin-lead) plating of
the header posts and
receptacle contacts,
provide superior electrical
performance as well as
excellent solderability.
Product Facts
I
2.0 x 2.0 [.08 x .08]
centerline spacing
I
Two-piece, double-row
connector system
I
Unshrouded header styles
include; breakaway and
surface-mount
I
All headers with 0.5 [.02]
square posted contacts
I
Surface-mount connectors
compatible with standard
surface-mount processing
(VPR, IR)
I
Closed top-entry
receptacle assemblies
include; vertical
mount and right-angle
I
Receptacle contacts
employ dual cantilever
beams for two-point
electrical stability
I
Duplex (gold/tin-lead)
plated posted contacts
and receptacle contacts
I
Thermoplastic housing
material, UL 94V-0 rated
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
I
Produced under a Quality
Management System
certified to ISO 9001
A copy of the
certificate is available
upon request.
R
R
IS
O
Ce
rti
fie
d
90
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com