Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 52 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 52 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 48Page - Tyco Electronics 1-87159-7 Datasheet HTML 49Page - Tyco Electronics 1-87159-7 Datasheet HTML 50Page - Tyco Electronics 1-87159-7 Datasheet HTML 51Page - Tyco Electronics 1-87159-7 Datasheet HTML 52Page - Tyco Electronics 1-87159-7 Datasheet HTML 53Page - Tyco Electronics 1-87159-7 Datasheet HTML 54Page - Tyco Electronics 1-87159-7 Datasheet HTML 55Page - Tyco Electronics 1-87159-7 Datasheet HTML 56Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 321 page
background image
52
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
AMPMODU Interconnection System
Double Row Receptacle Housings, .050 x .100 [1.27 x 2.54] Centerline,
Cable-to-Board (Continued)
Note: All part numbers are RoHS compliant.
Latch Style Housing (Shown)
AMPMODU System 50 Header,
Shrouded (Right-Angle Post
shown for ref. only.)
AMPMODU System 50 Header, Unshrouded
(Straight Post shown for ref. only.)
Post Removed
Plain Housing,
Stacked End-to-End
(See Notes 1 & 2 below.)
Typical Cable-to-Board Application
of Plain Receptacle Housing
Typical Cable-to-Board Application
of Latch Style Receptacle Housing
Notes: 1. Plain housings are end-to-end stackable on either straight or
right-angle posted, unshrouded AMPMODU System 50 headers.
Notes: 2. For end-to-end stacking, the two posts located between the adjoining
housings must be removed to provide housing end clearance.
No. of
Dimensions
Plain Housing
Latch Style Housing
Pos.
AB
Part Numbers
Part Numbers
8
.150 [3.81]
.247 [6.27]
487938-8
487937-8
10
.200 [5.08]
.297 [7.54]
1-487938-0
1-487937-0
12
.250 [6.35]
.374 [8.81]
1-487938-2
1-487937-2
14
.300 [7.62]
.397 [10.08]
1-487938-4
1-487937-4
16
.350 [.889]
.447 [11.35]
1-487938-6
1-487937-6
20
.450 [11.43]
.547 [13.89]
2-487938-0
2-487937-0
24
.550 [13.97]
.647 [16.43]
2-487938-4
2-487937-4
26
.600 [15.24]
.697 [17.7]
2-487938-6
2-487937-6
30
.700 [17.78]
.797 [20.24]
3-487938-0
3-487937-0
34
.800 [20.32]
.897 [22.78]
3-487938-4
3-487937-4
40
.950 [24.13]
1.047 [26.59]
4-487938-0
4-487937-0
44
1.050 [26.67]
1.147 [29.13]
4-487938-4
4-487937-4
50
1.200 [30.48]
1.297 [39.94]
5-487938-0
5-487937-0
60
1.450 [36.83]
1.547 [39.29]
—
6-487937-0
72
1.750 [44.45]
1.847 [46.91]
7-487938-2
7-487937-2
80
1.950 [49.53]
2.047 [51.99]
8-487938-0
8-487937-0
100
2.450 [62.23]
2.547 [64.69]
487938-1
487937-1
Note: Other sizes of receptacle housings, up to 120 positions, can be made available, consult TE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com