Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 71 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 71 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 67Page - Tyco Electronics 1-87159-7 Datasheet HTML 68Page - Tyco Electronics 1-87159-7 Datasheet HTML 69Page - Tyco Electronics 1-87159-7 Datasheet HTML 70Page - Tyco Electronics 1-87159-7 Datasheet HTML 71Page - Tyco Electronics 1-87159-7 Datasheet HTML 72Page - Tyco Electronics 1-87159-7 Datasheet HTML 73Page - Tyco Electronics 1-87159-7 Datasheet HTML 74Page - Tyco Electronics 1-87159-7 Datasheet HTML 75Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 321 page
background image
71
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
2mm Breakaway Headers, Unshrouded, Double Row, Surface Mount,
Vertical Mount
Note: All part numbers are RoHS compliant.
0.5 [.02] Square Straight
Posts
Material and Finish
Housing — Black polyphenylene
sulfide, UL 94V-0 rated
Posted Contacts — Phosphor bronze,
plated as follows, Duplex plated 0.00020
[.000008] min. gold on contact area,
0.00200 [.000079] min. tin on solder
area, with entire contact underplated
0.00130 [.000051] min. nickel
Related Product Data
Mateable Receptacles —
pages 80-84
Product Specification
108-51001
Packaging Method — Tape & Reel
No. of
Dimensions
Part
Positions
AB
C
Numbers
4
4.0 [0.16]
2.0 [0.08]
4.0 [0.16]
5084476-1
6
6.0 [0.24]
4.0 [0.16]
6.0 [0.24]
5084476-2
12
12.0 [0.47]
10.0 [0.39]
5.0 [0.20]
5084476-7
16
16.0 [0.63]
14.0 [0.55]
8.0 [0.31]
5084476-3
A
0.50±0.03
[.02±.002] TYP
B
1.00 [.04]
0.00
1.00 [.04]
4.20
[.17]
±0.05
[.003]
-0.00
2.00
[.08] TYP
0.50±0.02
[.02±.001] TYP
0.50±0.02
[.02±.001] TYP
1.40 MAX
[.06] TYP
C
4.20±0.05
[.17±.003]
0.50±0.02
[.02±.001]
TYP
D±0.25
[.01]
RO.50
REF
Tin-Lead
Plating Area
Vacuum Cap
1.50 [.06]
1.00 [.04]
2.00
[.08]
7.00±0.02
[.28±.001]
1.00±0.08
[.04±.003] TYP
2.00
[.08] TYP
Recommended Solder Pad Layout
0.10
[.004]
B±0.08 [.003]
Tolerances Non-Cumulative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com