Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 16 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 12Page - Tyco Electronics 1-87159-7 Datasheet HTML 13Page - Tyco Electronics 1-87159-7 Datasheet HTML 14Page - Tyco Electronics 1-87159-7 Datasheet HTML 15Page - Tyco Electronics 1-87159-7 Datasheet HTML 16Page - Tyco Electronics 1-87159-7 Datasheet HTML 17Page - Tyco Electronics 1-87159-7 Datasheet HTML 18Page - Tyco Electronics 1-87159-7 Datasheet HTML 19Page - Tyco Electronics 1-87159-7 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 321 page
background image
16
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
2
Note: All part numbers are RoHS compliant.
Material and Finish
Housing—Glass-filled thermoplastic,
black, 94V-0 rated
Contacts—Copper alloy; duplex plated
.000030 [0.00076] gold in mating area,
.000150 [0.00381] tin on solder tail,
with entire contact underplated .000050
[0.00127] nickel
Holddown—Copper alloy; plated
.000150 [0.00381] tin over .000050
[0.00127] nickel
Related Product Data
Mating Receptacles — page 15, 21
(without latch only)
PC Board Layouts — page 17
Performance Specifications —
page 24
Technical Documents — page 24
Product Specification 108-1332
Application Specification
114-7010
Packaging: Tube or Tape and Reel
No. of
Dimension
Header Part Numbers
Pos.
A
.250 [6.35] Mated Height
.320 [8.13] Mated Height
.390 [9.91] Mated Height
Tubes
Tape & Reel*
Tubes
Tape & Reel*
Tubes
Tape & Reel*
Hold Down No Hold Down
Hold Down No Hold Down
10
.372 [9.44]
5-104655-1
5-147381-1
5-147121-1
5-104656-1
5-147382-1
5-104693-1
—
5-147383-1
20
.622 [15.79]
5-104655-3
5-147381-2
5-147121-2
5-104656-2
5-147382-2
5-104693-2
—
5-147383-2
30
.872 [22.14]
5-104655-4
5-147381-3
—
5-104656-3
5-147382-3
5-104693-3
—
5-147383-3
40
1.122 [28.49]
5-104655-5
5-147381-4
—
5-104656-4
5-147382-4
5-104693-4
—
5-147383-4
50
1.372 [34.84]
5-104655-6
5-147381-5
—
5-104656-5
5-147382-5
5-104693-5
—
5-147383-5
60
1.622 [41.19]
5-104655-7
5-147381-6
—
5-104656-6
5-147382-6
5-104693-6
—
5-147383-6
70
1.872 [47.54]
5-104655-8
5-147381-7
—
5-104656-7
5-147382-7
5-104693-7
—
5-147383-7
80
2.122 [53.89]
5-104655-9
5-147381-8
—
5-104656-8
5-147382-8
5-104693-8
—
5-147383-8
90
2.372 [60.24]
———
5-104656-9
—
5-104693-9
——
100
2.622 [66.59]
6-104655-1
5-147381-9
—
6-104656-0
5-147382-9
6-104693-0
5-147503-1
5-147383-9
*Parts packaged in tape and reel have vacuum pick and place cover.
See PC Board Layout on page 17.
For .250 [6.35] Mated Height
For .320 [8.13] Mated Height
For .390 [9.91] Mated Height
.050
[1.27]
.050
[1.27]
.050
[1.27]
.030
[0.76]
.030
[0.76]
.050
[1.27]
.2255
[5.728]
.225
[5.71]
.2975
[7.557]
.3675
[9.335]
A
A
A
.030
[0.76]
.050
[1.27]
Board-to-Board Vertical Headers, Double Row, .050 x .050
[1.27 x 1.27] Centerline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com