Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 18Page - Tyco Electronics 1-87159-7 Datasheet HTML 19Page - Tyco Electronics 1-87159-7 Datasheet HTML 20Page - Tyco Electronics 1-87159-7 Datasheet HTML 21Page - Tyco Electronics 1-87159-7 Datasheet HTML 22Page - Tyco Electronics 1-87159-7 Datasheet HTML 23Page - Tyco Electronics 1-87159-7 Datasheet HTML 24Page - Tyco Electronics 1-87159-7 Datasheet HTML 25Page - Tyco Electronics 1-87159-7 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 321 page
background image
22
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
2
Terminating Covers for Cable Connectors
Note: All part numbers are RoHS compliant.
Material
Glass-filled thermoplastic,
black, 94V-0 rated
Related Product Data
Connectors used with Covers —
page 21
Termination Tooling — page 23
Technical Documents — page 24
Product Specification 108-1443
Application Specification
408-9817, 408-9909
Packaging: Plastic bag
No. of
Dimension
Terminator Cover
Pos.
A
Part Numbers
10
.565 [14.35]
104891-1
20
.815 [20.70]
104891-2
30
1.065 [27.05]
104891-3
40
1.315 [33.82]
104891-4
50
1.565 [39.75]
104891-5
60
1.815 [46.10]
104891-6
70
2.065 [52.45]
104891-7
80
2.315 [58.80]
104891-8
100
2.815 [71.50]
1-104891-0
Note: Terminating covers must be purchased separately, two are required for
each cable connector.
.277
[7.04]
.191
[4.85]
A
AMPMODU Interconnection System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com