Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 61 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 61 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 57Page - Tyco Electronics 1-87159-7 Datasheet HTML 58Page - Tyco Electronics 1-87159-7 Datasheet HTML 59Page - Tyco Electronics 1-87159-7 Datasheet HTML 60Page - Tyco Electronics 1-87159-7 Datasheet HTML 61Page - Tyco Electronics 1-87159-7 Datasheet HTML 62Page - Tyco Electronics 1-87159-7 Datasheet HTML 63Page - Tyco Electronics 1-87159-7 Datasheet HTML 64Page - Tyco Electronics 1-87159-7 Datasheet HTML 65Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 321 page
background image
61
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
3
Application Tooling for Compliant Pin Connectors
Note: All part numbers are RoHS compliant.
BMEP
MEP
AEP 6T
AEP 12T
System Type
Benchtop
Stand-Alone
Stand-Alone
Stand-Alone or
Semi-Automatic Press
Semi-Automatic Press
Automatic Press
Inline Automatic Press
Force Capability
Up to 5 Tons
Up to 12 Tons
Up to 6 Tons
Up to 12 Tons
[44 kN]
[107 kN]
[53 kN]
[107 kN]
Board Size Capability
Up to 18" x 24"
Up to 30" x 36"
Up to 30" x 36"
Up to 36" x 48"
[460x610 mm]
[760x915 mm]
[760x915 mm]
[915x1220 mm]
Please contact the Tyco Tooling Assistance Center at 1-800-722-1111 for help with choosing the correct press and tooling to meet your application needs.
See Catalog 1309329 for more information on this equipment.
ASG Servo Electric Presses
for Compliant Pin
Connectors
Every TE ASG servo press
utilizes real-time force and
distance monitoring and
control. This allows the
press to identify an error
and react throughout the
press stroke. Common
problems such as PCB
holes above\below specifi-
cation and sometimes bent
pins can be detected by
monitoring both minimum
and maximum force param-
eters. Common operator
error such as improperly
placed connectors, miss-
ing\incorrect connector or
tooling can also be found
by monitoring premature or
missing force parameters.
In each case, the system
can stop during the press
cycle to avoid costly scrap
and rework.
Product Line Overview
TE offers the ASG line of
servo electric presses for
the application of compliant
pin products. Systems are
available in a wide range of
pressing forces, board size
capabilities and automation
levels to meet almost any
applications requirements.
Each system utilizes a servo
electric motor with PC con-
trol. Coupled with force and
distance monitoring and
control, the entire line pro-
vides 100% quality assur-
ance in real-time with SPC
data collection capabilities.
Automatic set up and a
graphical operator interface
help provide intuitive opera-
tion to help reduce common
and costly operator errors.
Press Force Monitoring for Scrap Avoidance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com