Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 18 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 14Page - Tyco Electronics 1-87159-7 Datasheet HTML 15Page - Tyco Electronics 1-87159-7 Datasheet HTML 16Page - Tyco Electronics 1-87159-7 Datasheet HTML 17Page - Tyco Electronics 1-87159-7 Datasheet HTML 18Page - Tyco Electronics 1-87159-7 Datasheet HTML 19Page - Tyco Electronics 1-87159-7 Datasheet HTML 20Page - Tyco Electronics 1-87159-7 Datasheet HTML 21Page - Tyco Electronics 1-87159-7 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 321 page
background image
18
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
2
Board-to-Board Right-Angle Headers
AMPMODU 50/50 Grid
Right-Angle Headers will
accommodate a variety of
high density packaging
applications; right-angle
board-to-board applications
when mated with vertical
receptacles (page 15) and
right-angle cable-to-board
applications when mated
with cable connectors
(page 21). The small
.050 x .050 [1.27 x 1.27]
centerline contact spacing
allows efficient use of the
PC board area.
Mechanical support of the
headers to the PC board is
provided by non-protrusive
metallic holddowns
designed for .062 [1.57] or
thicker PC boards. These
holddowns are of the same
design as those used in the
vertical headers (page 16)
and receptacles (page 15).
There are also metallic tabs
that are soldered to the sur-
faces of the PC board pads
for added support.
AMPMODU 50/50 Grid
Right-Angle Headers are
available in double-row, in
either latching or non-
latching versions, and in
sizes ranging from 10
through 100 positions (in 10
position increments). The
latching version provides
positive retention when
mated with the latching
cable connector (page 21).
All headers feature polariza-
tion to help prevent mis-
alignment during mating.
Product Facts
I
Surface-mount products for
right-angle board-to-board
and cable-to-board
applications
I
Double-row, right-angle
shrouded headers
I
High density .050 x .050
[1.27 x 1.27] centerline grid
I
Latching and non-latching
versions available
I
Non-protrusive metallic
holddowns
I
Metallic tabs, when
soldered to PC board pad,
provide added mechanical
support
I
Duplex plated post contacts;
gold plated on mating area,
tin plated on tails
I
Compatible with standard
surface-mount processing
(VPR and IR)
I
Standoffs on header
housings allow for drainage
of processing fluids
I
All headers are polarized
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association
File No. LR7189
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com