Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 53 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 53 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 49Page - Tyco Electronics 1-87159-7 Datasheet HTML 50Page - Tyco Electronics 1-87159-7 Datasheet HTML 51Page - Tyco Electronics 1-87159-7 Datasheet HTML 52Page - Tyco Electronics 1-87159-7 Datasheet HTML 53Page - Tyco Electronics 1-87159-7 Datasheet HTML 54Page - Tyco Electronics 1-87159-7 Datasheet HTML 55Page - Tyco Electronics 1-87159-7 Datasheet HTML 56Page - Tyco Electronics 1-87159-7 Datasheet HTML 57Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 321 page
background image
53
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
3
ZIF-Line Connectors, .050 x .100 [1.27 x 2.54] Centerline, Cable-to-Board
Material and Finish
Housing and Cover — Black
thermoplastic, flame retardant,
94V-0 rated
Contacts — Phosphor bronze, plated
.000150 [0.00381] min. bright tin over
.000050 [0.00127] min. nickel on entire
contact
Performance Characteristic
Contact Current Rating—
1 ampere†
†1 ampere rating is for single circuit.
Multiple circuits, ambient temperature
and conductor size affect current
carrying capacity.
Related Product Data
FFC Cable (with Tin-Plated
Prepared Ends) —
Consult TE.
Technical Documents — page 64
Product Specification 108-16025
Application Specification
114-16014
Pos. 1
Identification
.240
[6.10]
.240
[6.10]
.040
[1.02]
.010
[0.25]
.105
[2.67]
.310
[7.87]
.100
[2.54]
.050
[1.27]
.020
[0.508]
.155
[3.94]
A
B
.050
Typ
[1.27]
Typ.
.100
Typ
[2.54]
Typ.
.210
Typ
[5.33]
Min.
.004-.012
[0.102-0.305]
Thk.
Note: ZIF-Line connector illustrated above with
cover in closed position.
.050±.002*
Dia. Typ
[1.27±0.05]
Dia. Typ.
.031±.003
Dia. Typ
[0.79±0.08]
Dia. Typ.
.100±.002
[2.54±0.05]
Pos. 1
**
Recommended Mounting Hole Pattern
**±.002 [±0.05] tolerance not to accumulate
within one mounting hole pattern.
**This mounting hole required for even-numbered
connector sizes only.
FFC Cable or
Flexible Etched Circuitry
with Prepared Ends*
ZIF-Line Connector
(Cover Open)
ZIF-Line Connector
(Termination
Completed with
Cable Inserted and
Cover Closed)
*FFC cable with tin-plated prepared ends can be made available, consult TE.
Note: Special preparation of cable is required, refer to TE Application Specification No. 114-16014.
Typical Flexible Flat Conductor Cable-to-Board Application
Vertical Cable Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com