Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 76 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 76 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 72Page - Tyco Electronics 1-87159-7 Datasheet HTML 73Page - Tyco Electronics 1-87159-7 Datasheet HTML 74Page - Tyco Electronics 1-87159-7 Datasheet HTML 75Page - Tyco Electronics 1-87159-7 Datasheet HTML 76Page - Tyco Electronics 1-87159-7 Datasheet HTML 77Page - Tyco Electronics 1-87159-7 Datasheet HTML 78Page - Tyco Electronics 1-87159-7 Datasheet HTML 79Page - Tyco Electronics 1-87159-7 Datasheet HTML 80Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 321 page
background image
76
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
Note: All part numbers are RoHS compliant.
0.5 [.02] Square Posts
Material and Finish
Housing — Black color, PA9T (Nylon
9T), UL 94 V-O Rated
Posted Contacts — Brass, plated as
follows:
0.00076 [.000003] min. gold on contact
area, with 0.00254 [.00010] matte tin on
soldertails, with entire contact
underplated 0.00127 [.000050] min.
nickel
Related Product Data
Mateable Receptacles —
pages 80, 81, and 84
No. of
Dimensions
Part Numbers
Positions
AB
C
8
6.0 [0.24]
8.85 [0.35]
9.95 [0.39]
2041068-8
10
8.0 [0.31]
10.85 [0.43]
11.95 [0.47]
1-2041068-0
12
10.0 [0.39]
12.85 [0.51]
13.95 [0.55]
1-2041068-2
14
12.0 [0.47]
14.85 [0.58]
15.95 [0.63]
1-2041068-4
16
14.0 [0.55]
16.85 [0.66]
17.95 [0.71]
1-2041068-6
18
16.0 [0.63]
18.85 [0.74]
19.95 [0.79]
1-2041068-8
20
18.0 [0.71]
20.85 [0.82]
21.95 [0.86]
2-2041068-0
22
20.0 [0.79]
22.85 [0.90]
23.95 [0.94]
2-2041068-2
24
22.0 [0.87]
24.85 [0.98]
25.95 [1.02]
2-2041068-4
26
24.0 [0.94]
26.85 [1.06]
27.95 [1.10]
2-2041068-6
28
26.0 [1.02]
28.85 [1.14]
29.95 [1.18]
2-2041068-8
30
28.0 [1.10]
30.85 [1.21]
31.95 [1.26]
3-2041068-0
32
30.0 [1.18]
32.85 [1.29]
33.95 [1.34]
3-2041068-2
34
32.0 [1.26]
34.85 [1.37]
35.95 [1.42]
3-2041068-4
36
34.0 [1.34]
36.85 [1.45]
37.95 [1.49]
3-2041068-6
38
36.0 [1.42]
38.85 [1.53]
39.95 [1.57]
3-2041068-8
40
38.0 [1.50]
40.85 [1.61]
41.95 [1.65]
4-2041068-0
42
40.0 [1.57]
42.85 [1.69]
43.95 [1.73]
4-2041068-2
44
42.0 [1.65]
44.85 [1.77]
45.95 [1.81]
4-2041068-4
46
44.0 [1.73]
46.85 [1.84]
47.95 [1.89]
4-2041068-6
48
46.0 [1.81]
48.85 [1.92]
49.95 [1.97]
4-2041068-8
50
48.0 [1.89]
50.85 [2.00]
51.95 [2.05]
5-2041068-0
5.20
[.205]
Ref.
2.40
[.094]
C
22.00
[.866]
4.50
[.177]
5.50
[.217]
6.50
[.256]
1.20
[.047]
8.00
[.315]
Ref.
1.30
[.051]
Typ.
2.00
[..079]
Pitch
7.50
[1.38]
2.00 ± 0.05
[.079 ± .001]
3.60 ± 0.15
[.142 ± .005]
2.00 ± 0.10
[.079 ± .004]
B
A
Pitch
.0.50
[.020]
5.60 ± 0.15
[.220 ± .006]
Ref.
Cap
2.60 ± 0.15
[.102 ± .005]
6.70 ± 0.25
[.264 ± .010]
1.00
[25.4]
2mm Headers, Shrouded, Double Row, Surface Mount, Vertical Mount
Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com