Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 16Page - Tyco Electronics 1-87159-7 Datasheet HTML 17Page - Tyco Electronics 1-87159-7 Datasheet HTML 18Page - Tyco Electronics 1-87159-7 Datasheet HTML 19Page - Tyco Electronics 1-87159-7 Datasheet HTML 20Page - Tyco Electronics 1-87159-7 Datasheet HTML 21Page - Tyco Electronics 1-87159-7 Datasheet HTML 22Page - Tyco Electronics 1-87159-7 Datasheet HTML 23Page - Tyco Electronics 1-87159-7 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 321 page
background image
20
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
2
Cable-to-Board Connectors
Product Facts
I
Double-row receptacle
connectors provide cable-
to-board connection
capabilities for vertical
headers (non-latching) and
right-angle headers
(latching and non-latching)
I
IDC (Insulation
Displacement Crimp) mass
termination of solid or
stranded round conductor
.050 [1.27] centerline
ribbon cable with PVC or
polyethylene insulation
I
Accommodates ribbon cable
conductor sizes of 28 AWG
[0.08-0.09 mm2] and 30
AWG [0.05 mm2] and
insulation diameters up to
.036 [0.91] maximum
I
Reliable single beam
receptacle contact design
I
Duplex plated receptacle
contacts; gold plated in
mating area, tin in
termination area
I
Terminating covers (sold
separately) provide both
strain relief and protection
to the termination area
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Connectors available with or
without metal latch
I
Connectors without latches
are polarized to help
prevent mismating
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association
File No. LR7189
These double-row cable
connectors, with a .050 x
.050 [1.27 x 1.27] centerline
contact spacing, provide
cable-to-board connection
capabilities for the
AMPMODU 50/50 Grid
Connector System. Cable
connectors without a latch
will mate with the vertical
headers (page 16), while
cable connectors with or
without a latch can be used
to mate with the right-angle
headers (page 19).
The cable connectors
feature reliable single-
beam IDC (insulation
displacement crimp)
contacts which are duplex
plated with .000030
[0.00076] gold. These
contacts can be mass
terminated to either solid or
stranded round conductor
ribbon cable with conductor
sizes of 28 AWG [0.08-0.09
mm2] and 30 AWG [0.05
mm2] and a maximum
insulation diameter of .036
[0.91]. During termination,
the terminating covers,
which must be purchased
separately, assist in guiding
the wire into the IDC
contacts, then provide
strain relief when fully
seated. Actual termination
is accomplished with the
TE manual tooling shown on
page 23.
The latching version of the
cable connector is
equipped with a metal latch
which provides positive
retention of the receptacle
cable connector when
mated with a surface-
mounted right-angle header.
The cable connector without
a metal latch features
polarization to help prevent
mismating. All connectors
are available in sizes
ranging from 10 through
100 positions (in 10 position
increments).
R
R
AMPMODU Interconnection System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com