Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 74 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 74 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 70Page - Tyco Electronics 1-87159-7 Datasheet HTML 71Page - Tyco Electronics 1-87159-7 Datasheet HTML 72Page - Tyco Electronics 1-87159-7 Datasheet HTML 73Page - Tyco Electronics 1-87159-7 Datasheet HTML 74Page - Tyco Electronics 1-87159-7 Datasheet HTML 75Page - Tyco Electronics 1-87159-7 Datasheet HTML 76Page - Tyco Electronics 1-87159-7 Datasheet HTML 77Page - Tyco Electronics 1-87159-7 Datasheet HTML 78Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 321 page
background image
74
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
Note: All part numbers are RoHS compliant.
0.5 [.02] Square Right-Angle
Posts
26 Position
Part Number 5084780-1
Material and Finish
Housing — High temperature, black
thermoplastic, UL 94 V-O Rated
Posted Contacts — Copper alloy,
duplex plated as follows:
0.00038 [.000015] min. gold on contact
area, 0.00254 [.000100] min. tin on
solder area, with entire contact
underplated 0.00127 [.000050] min.
nickel
Related Product Data
Mateable Receptacles —
pages 80 and 84
Product Specification
108-5296
Packaging Method — Tube
4.10
[.161]
6.30
[.248]
2.00
[.079]
2.00
[.079]
0.75
[.03]
2.54
[.100]
2.00
[.079]
2.325
[.092] 2 Places
2.00
24.00
12 Spaces x [.079] = [.945]
1.40
[.055]
+0.01
-0.05
+.000
-.002
4.80 +0.01/-0.22
[.189 +.004/-.009]
2.99
[.118]
+0.51
-0.25
+.02
-.01
Soldertail
27.15
[1.069]
+0.10
-0.05
+.004
-.002
6.65
[.262]
3.60
[.142]
28.65
[1.128]
0.50±0.03
[0.02±.001]
0.50±0.03
[0.02±.001]
6.40±0.20
[.252±.008]
2.00±0.05
[.079±.002] TYP
0.50 TYP at
[.079] Post Tips
0.50 TYP at
[.079] Post Tips
TYP at
Post Tips
2.00±0.05
[.079±.002] TYP
0.90±0.05
[.035±.002]
TYP
3.60
[.142] TYP
Tolerance
Non-Cumulative
0.75
[.03] Ref.
0.50
[.02] Ref.
Recommended PCB Layout
2mm Headers, Shrouded, Double Row, Thru-Hole, Right-Angle Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com