Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 36 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 36 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 32Page - Tyco Electronics 1-87159-7 Datasheet HTML 33Page - Tyco Electronics 1-87159-7 Datasheet HTML 34Page - Tyco Electronics 1-87159-7 Datasheet HTML 35Page - Tyco Electronics 1-87159-7 Datasheet HTML 36Page - Tyco Electronics 1-87159-7 Datasheet HTML 37Page - Tyco Electronics 1-87159-7 Datasheet HTML 38Page - Tyco Electronics 1-87159-7 Datasheet HTML 39Page - Tyco Electronics 1-87159-7 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 321 page
background image
36
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
AMPMODU Interconnection System
Thru-Hole Receptacles, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board
Product Facts
I
High density; contacts
spaced on .050 x .100
[1.27 x 2.54] centers
I
Right-angle and vertical
styles
I
Single row; select sizes 5
thru 50 positions
I
Double row; select sizes 10
thru 100 positions
I
Contacts are selectively
plated with gold
I
Stand-offs for removal of
solder flux
The AMPMODU System 50
thru-hole receptacles offer
a wide variety of high
density board-to-board
connectors. The .050 [1.27]
spacing between each
contact provides an
extremely dense
interconnect package and
results in a more efficient
use of the printed circuit
board space.
AMPMODU System 50
thru-hole receptacles are
available in right-angle and
vertical configurations and
are composed of single
and double row versions.
The single row versions are
available in select sizes of
5 thru 50 positions and
double row in positions
from 10 thru 100.
Receptacle contacts and
mating .015 [0.38] square
posts are formed from high
conductivity copper alloy
and are selectively plated
with gold for higher
performance and reliability.
The receptacle housings
are made of black
thermoplastic, with a 94V-0
rating to withstand high
temperatures of reflow
soldering and incorporate
stand-offs for free drainage
of flux cleaning solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com