Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 63 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 63 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 59Page - Tyco Electronics 1-87159-7 Datasheet HTML 60Page - Tyco Electronics 1-87159-7 Datasheet HTML 61Page - Tyco Electronics 1-87159-7 Datasheet HTML 62Page - Tyco Electronics 1-87159-7 Datasheet HTML 63Page - Tyco Electronics 1-87159-7 Datasheet HTML 64Page - Tyco Electronics 1-87159-7 Datasheet HTML 65Page - Tyco Electronics 1-87159-7 Datasheet HTML 66Page - Tyco Electronics 1-87159-7 Datasheet HTML 67Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 321 page
background image
63
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
3
Performance Specifications
Performance Specifications
Board-to-Board,
Board-to-Board,
Cable-to-Board,
Description
Thru-Hole
Surface-Mount,
Cable-to-Board,
.025 [0.64] Centerline
Headers and
Headers and
.050 [1.27] Centerline
Ribbon Cable
Receptacles
Receptacles
FFC Cable Receptacles
Receptacles
Size Range-Single Row
4 thru 50
—
4 thru 50
—
Double Row
10 thru 100
10 thru 100
8 thru 100
10 thru 100
Current Rating (per contact)
1.0 amperes
1.0 amperes
1.5 amperes
0.5 amperes
Dielectric Withstanding Voltage
500 VAC
500 VAC
300 VAC
200 VAC
Insulation Resistance
5,000 Megohms
5,000 Megohms
5,000 Megohms
5,000 Megohms
Durability (tested to)
200 Cycles
200 Cycles
200 Cycles
150 Cycles
Mating Force (per contact)
5 oz. [1.38 N] Max.
5 oz. [1.38 N] Max.
8 oz. [2.22 N] Max.
4 oz. [1.11 N] Max.
Unmating Force (per contact)
0.8 oz. [0.22 N] Min.
0.8 oz. [0.22 N] Min.
1.0 oz. [0.27 N] Min.
*0.5 oz. [0.13 N] Min.
Operating Temperature
-65°C to +105°C
-65°C to +105°C
-55°C to +105°C
-65°C to +105°C
*With latches depressed.
Need more information?
Call the Technical Support Center: 1-800-522-6752.
The Technical Support Center is staffed with specialists
well versed in all TE products. The Center can provide
you with:
I
Technical Support
I
Catalogs
I
Technical Documents
I
Product Samples
I
TE Authorized Distributor Locations
Board-to-Board Spacing
for Thru-Hole and
Surface-Mount Connector
Combinations
Thru-Hole Receptacle–
Thru-Hole Header
(Single and Double Row,
Shrouded and Unshrouded)
Thru-Hole Receptacle–
Surface-Mount Header
(Double Row, Shrouded)
Surface-Mount Receptacle–
Thru-Hole Header
(Double Row, Shrouded and
Unshrouded)
Surface-Mount Receptacle–
Surface-Mount Header
(Double Row, Shrouded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com