Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 69 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 69 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 65Page - Tyco Electronics 1-87159-7 Datasheet HTML 66Page - Tyco Electronics 1-87159-7 Datasheet HTML 67Page - Tyco Electronics 1-87159-7 Datasheet HTML 68Page - Tyco Electronics 1-87159-7 Datasheet HTML 69Page - Tyco Electronics 1-87159-7 Datasheet HTML 70Page - Tyco Electronics 1-87159-7 Datasheet HTML 71Page - Tyco Electronics 1-87159-7 Datasheet HTML 72Page - Tyco Electronics 1-87159-7 Datasheet HTML 73Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 321 page
background image
69
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
2mm Breakaway Headers, Unshrouded, Double Row, Thru-Hole,
Vertical Mount
0.5 [.02] Square
Straight Posts
Material and Finish
Housing — Black thermoplastic,
UL 94V-0 rated
Posted Contacts — Brass, duplex
plated as follows:
Plating A — 0.00020 [.000008] min.
gold on contact area, 0.00100 [.000039]
min. tin on solder area, with entire
contact underplated 0.00130 [.000051]
min. nickel
Plating B — 0.00076 [.000030] min.
gold on contact area, 0.00100 [.000039]
min. tin on solder area, with entire
contact underplated 0.00130 [.000051]
min. nickel
Related Product Data
Mateable Receptacles —
pages 80-84
Product Specification
108-5296
Packaging Method — Loose piece,
bag
AMP/2247
AMPMODU 2mm
Illustration A
MPD • 6/10/94
Dia. Typ.
L
Tin Plated
Area
2.0 ± 0.08*
[.08 ± .003]
Typ.
0.5
[.02]
Typ.
0.5
[.02]
Recommended PC Board Hole Layout
* Hole centerline to be 2.0
±0.08 [.08±.003]; tolerances
not to accumulate within one connector pattern.
4.0
[.16]
Dia. Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com