Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 82 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 82 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 78Page - Tyco Electronics 1-87159-7 Datasheet HTML 79Page - Tyco Electronics 1-87159-7 Datasheet HTML 80Page - Tyco Electronics 1-87159-7 Datasheet HTML 81Page - Tyco Electronics 1-87159-7 Datasheet HTML 82Page - Tyco Electronics 1-87159-7 Datasheet HTML 83Page - Tyco Electronics 1-87159-7 Datasheet HTML 84Page - Tyco Electronics 1-87159-7 Datasheet HTML 85Page - Tyco Electronics 1-87159-7 Datasheet HTML 86Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 321 page
background image
82
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
4
METRIC
Dimensions are
millimeters over inches
Position
Dimensions
Part Numbers
AB
6
6.20 [.244]
4.0 [.157]
1734606-6
8
8.20 [.323]
6.0 [.236]
1734606-8
10
10.20 [.402]
8.0 [.315]
1-1734606-0
12
12.20 [.480]
10.0 [.394]
1-1734606-2
14
14.20 [.559]
12.0 [.472]
1-1734606-4
16
16.20 [.638]
14.0 [.551]
1-1734606-6
18
18.20 [.717]
16.0 [.630]
1-1734606-8
20
20.20 [.795]
18.0 [.709]
2-1734606-0
22
22.20 [.874]
20.0 [.787]
2-1734606-2
24
24.20 [.953]
22.0 [.866]
2-1734606-4
26
26.20 [1.031]
24.0 [.945]
2-1734606-6
28
28.20 [1.110]
26.0 [1.024]
2-1734606-8
30
30.20 [1.189]
28.0 [1.102]
3-1734606-0
32
32.20 [1.268]
30.0 [1.181]
3-1734606-2
34
34.20 [1.346]
32.0 [1.260]
3-1734606-4
36
36.20 [1.425]
34.0 [1.339]
3-1734606-6
38
38.20 [1.504]
36.0 [1.417]
3-1734606-8
40
40.20 [1.583]
38.0 [1.496]
4-1734606-0
42
42.20 [1.661]
40.0 [1.575]
4-1734606-2
44
44.20 [1.740]
42.0 [1.654]
4-1734606-4
46
46.20 [1.819]
44.0 [1.732]
4-1734606-6
48
48.20 [1.898]
46.0 [1.811]
4-1734606-8
50
50.20 [1.976]
48.0 [1.890]
5-1734606-0
2mm Receptacle, Double Row, Surface Mount, Right-Angle Mount
Note: All part numbers are RoHS compliant.
Receptacle, Surface Mount,
Right-Angle
Material and Finish
Housing — Black Thermoplastic,
UL 94V-0 Rated
Contact — Phosphor Bronze
Contact Finish — 0.00020 [.000008]
Min. Gold Plated on Contact Area,
0.00229 [.000090] Min. Tin Plated on
Solder Tail, 0.00127 [.000050] Min.
Nickel Underplated Over All
Related Product Data
Mateable Headers — pages 66-73
Product Specification
108-57197
Packaging Method — Tape and reel
1.00
[.039]
TYP
0.60±0.05
[.024±.002] TYP
0.15±0.03
[.006±.001]
5.0±0.2
[.197±.008]
4.90±0.25
[.193±.01]
4.90±0.25
[.193±.01]
8.30±0.5
[.327±.02]
2.00±0.05
[.079±.002]
4.00
[.157]
2.00
[.079]
4.00
[.157]
TYP
2.00
[.079]
TYP
9.00
[.354]
0.90
[.035]
B
1.10
[.042]
TYP
B±0.10
[±.004]
A±0.25
[±.01]
Recommended PCB Layout
AMPMODU Interconnection System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com