Electronic Components Datasheet Search
  English  ▼

X  

1-87159-7 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 24Page - Tyco Electronics 1-87159-7 Datasheet HTML 25Page - Tyco Electronics 1-87159-7 Datasheet HTML 26Page - Tyco Electronics 1-87159-7 Datasheet HTML 27Page - Tyco Electronics 1-87159-7 Datasheet HTML 28Page - Tyco Electronics 1-87159-7 Datasheet HTML 29Page - Tyco Electronics 1-87159-7 Datasheet HTML 30Page - Tyco Electronics 1-87159-7 Datasheet HTML 31Page - Tyco Electronics 1-87159-7 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 321 page
background image
28
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
Note: All part numbers are RoHS compliant.
Single Row, Vertical
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.00381] tin
on solder posts, with entire contact
underplated .00050 [0.00127] nickel
Related Product Data
Performance Characteristics —
page 63
Mateable Connectors — pages 38,
49 & 50
Board-to-Board Spacing — page 63
PC Board Hole Layout — page 41
Technical Documents — page 64
Product Specification 108-1093
Application Specification
114-25031
Part Numbers
No. of
Dimension
Post Length
Pos.
A
.100 [2.54]
.145 [3.68]
4
.330 [8.38]
5-104071-7
—
5
.380 [9.65]
5-104071-2
—
6
.430 [10.92]
5-104071-8
—
8
.530 [13.46]
6-104071-0
—
10
.630 [16.00]
5-104071-1
—
12
.730 [18.54]
6-104071-1
5-104804-3
13
.780 [19.81]
6-104071-2
—
15
.880 [22.35]
5-104071-3
5-104804-2
17
.980 [24.89]
6-104071-3
—
20
1.130 [28.70]
5-104071-4
—
22
1.230 [31.24]
6-104071-4
—
25
1.380 [35.05]
5-104071-5
—
30
1.630 [41.40]
5-104071-6
—
36
1.930 [49.02]
6-104071-6
—
40
2.130 [54.10]
6-104071-7
—
50
2.630 [66.80]
6-104071-9
—
*Circuit identification feature omitted on 4, 5, and 6 position headers.
.060 [1.52]
2 Plc.
Circuit Identification
Feature*
Post Length
(See chart
below)
Thru-Hole Headers––Shrouded, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board (Continued)
AMPMODU Interconnection System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com