Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 65 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 65 Page - Actel Corporation

Back Button APA150 Datasheet HTML 61Page - Actel Corporation APA150 Datasheet HTML 62Page - Actel Corporation APA150 Datasheet HTML 63Page - Actel Corporation APA150 Datasheet HTML 64Page - Actel Corporation APA150 Datasheet HTML 65Page - Actel Corporation APA150 Datasheet HTML 66Page - Actel Corporation APA150 Datasheet HTML 67Page - Actel Corporation APA150 Datasheet HTML 68Page - Actel Corporation APA150 Datasheet HTML 69Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-61
Synchronous Write and Read to the Same Location
Note: The plot shows the normal operation status.
Figure 1-37 • Synchronous Write and Read to the Same Location
Table 1-56 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
WCLKRCLKS
WCLKS
↑ to RCLKS ↑ setup time
– 0.1
ns
WCLKRCLKH
WCLKS
↑ to RCLKS ↑ hold time
7.0
ns
OCH
Old DO valid from RCLKS
↑
3.0
ns
OCA/OCH displayed for
Access Timed Output
OCA
New DO valid from RCLKS
↑
7.5
ns
Notes:
1. This behavior is valid for Access Timed Output and Pipelined Mode Output. The table shows the timings of an Access Timed Output.
2. During synchronous write and synchronous read access to the same location, the new write data will be read out if the active write
clock edge occurs before or at the same time as the active read clock edge. The negative setup time insures this behavior for WCLKS
and RCLKS driven by the same design signal.
3. If WCLKS changes after the hold time, the data will be read.
4. A setup or hold time violation will result in unknown output data.
5. All –F speed grade devices are 20% slower than the standard numbers.
* New data is read if WCLKS
↑ occurs before setup time.
The data stored is read if WCLKS
↑ occurs after hold time.
RCLKS
DO
WCLKS
tWCLKRCLKH
New Data*
Last Cycle Data
tWCLKRCLKS
tOCH
tCCYC
tCMH
tCML
tOCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com