Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 40 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 40 Page - Actel Corporation

Back Button APA150 Datasheet HTML 36Page - Actel Corporation APA150 Datasheet HTML 37Page - Actel Corporation APA150 Datasheet HTML 38Page - Actel Corporation APA150 Datasheet HTML 39Page - Actel Corporation APA150 Datasheet HTML 40Page - Actel Corporation APA150 Datasheet HTML 41Page - Actel Corporation APA150 Datasheet HTML 42Page - Actel Corporation APA150 Datasheet HTML 43Page - Actel Corporation APA150 Datasheet HTML 44Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 36
v5.2
Table 1-21 • DC Electrical Specifications (VDDP = 2.5 V ±0.2V)
Symbol
Parameter
Conditions
Commercial/Industrial/
Military/MIL-STD-8831, 2
Min.
Typ.
Max.
Units
VOH
Output High Voltage
High Drive (OB25LPH)
Low Drive (OB25LPL)
IOH = –6 mA
IOH = –12 mA
IOH = –24 mA
IOH = –3 mA
IOH = –6 mA
IOH = –8 mA
2.1
2.0
1.7
2.1
1.9
1.7
V
VOL
Output Low Voltage
High Drive (OB25LPH)
Low Drive (OB25LPL)
IOL = 8 mA
IOL = 15 mA
IOL = 24 mA
IOL = 4 mA
IOL = 8 mA
IOL = 15 mA
0.2
0.4
0.7
0.2
0.4
0.7
V
VIH
6
Input High Voltage
1.7
VDDP + 0.3
V
VIL
7
Input Low Voltage
–0.3
0.7
V
RWEAKPULLUP Weak Pull-up Resistance
(OTB25LPU)
VIN ≥ 1.25 V
6
56
k
Ω
HYST
Input Hysteresis Schmitt
See Table 1-4 on page 1-9
0.3
0.35
0.45
V
IIN
Input Current
with pull up (VIN = GND)
–240
– 20
µA
without pull up (VIN = GND or VDD)
–10
10
µA
IDDQ
Quiescent Supply Current
(standby)
Commercial
VIN = GND
4 or V
DD
Std.
5.0
15
mA
–F3
5.0
25
mA
IDDQ
Quiescent Supply Current
(standby)
Industrial
VIN = GND
4 or V
DD
Std.
5.0
20
mA
IDDQ
Quiescent Supply Current
(standby)
Military/MIL-STD-883
VIN = GND
4 or V
DD
Std.
5.0
25
mA
IOZ
Tristate Output Leakage Current VOH = GND or VDD
Std.
–10
10
µA
–F3, 5
–10
100
µA
Notes:
1. All process conditions. Commercial/Industrial: Junction Temperature: –40 to +110°C.
2. All process conditions. Military: Junction Temperature: –55 to +150°C.
3. All –F parts are available only as commercial.
4. No pull-up resistor.
5. This will not exceed 2 mA total per device.
6. During transitions, the input signal may overshoot to VDDP +1.0V for a limited time of no larger than 10% of the duty cycle.
7. During transitions, the input signal may undershoot to -1.0V for a limited time of no larger than 10% of the duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com