Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 61 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 61 Page - Actel Corporation

Back Button APA150 Datasheet HTML 57Page - Actel Corporation APA150 Datasheet HTML 58Page - Actel Corporation APA150 Datasheet HTML 59Page - Actel Corporation APA150 Datasheet HTML 60Page - Actel Corporation APA150 Datasheet HTML 61Page - Actel Corporation APA150 Datasheet HTML 62Page - Actel Corporation APA150 Datasheet HTML 63Page - Actel Corporation APA150 Datasheet HTML 64Page - Actel Corporation APA150 Datasheet HTML 65Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-57
Asynchronous SRAM Write
Note: The plot shows the normal operation status.
Figure 1-33 • Asynchronous SRAM Write
Table 1-52 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883B
Symbol txxx
Description
Min.
Max.
Units
Notes
AWRH
WADDR hold from WB
↑
1.0
ns
AWRS
WADDR setup to WB
↓
0.5
ns
DWRH
DI hold from WB
↑
1.5
ns
DWRS
DI setup to WB
↑
0.5
ns
PARGEN is inactive.
DWRS
DI setup to WB
↑
2.5
ns
PARGEN is active.
WPDA
WPE access from DI
3.0
ns
WPE is invalid, while PARGEN is
active.
WPDH
WPE hold from DI
1.0
ns
WRCYC
Cycle time
7.5
ns
WRMH
WB high phase
3.0
ns
Inactive
WRML
WB low phase
3.0
ns
Active
Note: All –F speed grade devices are 20% slower than the standard numbers.
WRB, WBLKB
WADDR
WPE
DI
tAWRS
tWPDA
tAWRH
tDWRS
tWRML
tWRMH
tWRCYC
tWPDH
tDWRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com