Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 17 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 17 Page - Actel Corporation

Back Button APA150 Datasheet HTML 13Page - Actel Corporation APA150 Datasheet HTML 14Page - Actel Corporation APA150 Datasheet HTML 15Page - Actel Corporation APA150 Datasheet HTML 16Page - Actel Corporation APA150 Datasheet HTML 17Page - Actel Corporation APA150 Datasheet HTML 18Page - Actel Corporation APA150 Datasheet HTML 19Page - Actel Corporation APA150 Datasheet HTML 20Page - Actel Corporation APA150 Datasheet HTML 21Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-13
Timing Control and
Characteristics
ProASICPLUS Clock Management System
ProASICPLUS devices provide designers with very flexible
clock conditioning capabilities. Each member of the
ProASICPLUS family contains two phase-locked loop (PLL)
blocks which perform the following functions:
•
Clock Phase Adjustment via Programmable Delay
(250 ps steps from –7 ns to +8 ns)
•
Clock Skew Minimization
•
Clock Frequency Synthesis
Each PLL has the following key features:
•
Input Frequency Range (fIN) = 1.5 to 180 MHz
•
Feedback Frequency Range (fVCO) = 1.5 to
180 MHz
•
Output Frequency Range (fOUT) = 6 to 180 MHz
•
Output Phase Shift = 0 °, 90 °, 180 °, and 270 °
•
Output Duty Cycle = 50%
•
Low Output Jitter (max at 25°C)
–fVCO <10 MHz. Jitter ±1% or better
–
10 MHz < fVCO < 60 MHz. Jitter ±2% or better
–fVCO > 60 MHz. Jitter ±1% or better
Note: Jitter(ps) = Jitter(%)* period
For Example:
•
Low Power Consumption – 6.9 mW (max – analog
supply) + 7.0
µW/MHz (max – digital supply)
Physical Implementation
Each side of the chip contains a clock conditioning circuit
based on a 180 MHz PLL block (Figure 1-14 on page 1-
14). Two global multiplexed lines extend along each side
of the chip to provide bidirectional access to the PLL on
that side (neither MUX can be connected to the opposite
side's PLL). Each global line has optional LVPECL input
pads (described below). The global lines may be driven
by either the LVPECL global input pad or the outputs
from the PLL block, or both. Each global line can be
driven by a different output from the PLL. Unused global
pins
can
be
configured
as
regular
I/Os
or
left
unconnected. They default to an input with pull-up. The
two signals available to drive the global networks are as
follows (Figure 1-15 on page 1-15, Table 1-7 on page 1-
15, and Table 1-8 on page 1-16):
Global A (secondary clock)
•
Output from Global MUX A
•
Conditioned version of PLL output (fOUT) – delayed
or advanced
•
Divided version of either of the above
•
Further delayed version of either of the above
(0.25 ns, 0.50 ns, or 4.00 ns delay)1
Global B
•
Output from Global MUX B
•
Delayed or advanced version of fOUT
•
Divided version of either of the above
•
Further delayed version of either of the above
(0.25 ns, 0.50 ns, or 4.00 ns delay)2
Functional Description
Each PLL block contains four programmable dividers as
shown in Figure 1-14 on page 1-14. These allow
frequency scaling of the input clock signal as follows:
•
The n divider divides the input clock by integer
factors from 1 to 32.
•
The m divider in the feedback path allows
multiplication of the input clock by integer factors
ranging from 1 to 64.
•
The two dividers together can implement any
combination
of
multiplication
and
division
resulting in a clock frequency between 24 and 180
MHz exiting the PLL core. This clock has a fixed
50% duty cycle.
•
The output frequency of the PLL core is given by
the formula EQ 1-1 (fREF is the reference clock
frequency):
fOUT = fREF * m/n
EQ 1-1
•
The third and fourth dividers (u and v) permit the
signals applied to the global network to each be
further divided by integer factors ranging from 1
to 4.
The implementations shown in EQ2 and EQ3 enable the
user to define a wide range of frequency multiplier and
divisors.
fGLB = m/(n*u)
EQ 1-2
fGLA = m/(n*v)
EQ 1-3
Jitter in picoseconds at 100 MHz = 0.01 * (1/100E6) = 100 ps
•
Maximum Acquisition
Time
= 80 µs for fVCO > 40 MHz
= 30 µs for fVCO < 40 MHz
1. This mode is available through the delay feature of the Global MUX driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com