Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 50 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 50 Page - Actel Corporation

Back Button APA150 Datasheet HTML 46Page - Actel Corporation APA150 Datasheet HTML 47Page - Actel Corporation APA150 Datasheet HTML 48Page - Actel Corporation APA150 Datasheet HTML 49Page - Actel Corporation APA150 Datasheet HTML 50Page - Actel Corporation APA150 Datasheet HTML 51Page - Actel Corporation APA150 Datasheet HTML 52Page - Actel Corporation APA150 Datasheet HTML 53Page - Actel Corporation APA150 Datasheet HTML 54Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 46
v5.2
Input Buffer Delays
Figure 1-28 • Input Buffer Delays
Table 1-33 • Worst-Case Commercial Conditions
VDDP = 3.0 V, VDD = 2.3 V, TJ = 70°C
Macro Type
Description
Max. tINYH
1
Max. tINYL
2
Units
Std.
–F
Std.
–F
IB33
3.3 V, CMOS Input Levels3, No Pull-up Resistor
0.4
0.5
0.6
0.7
ns
IB33S
3.3 V, CMOS Input Levels3, No Pull-up Resistor, Schmitt Trigger
0.6
0.7
0.8
0.9
ns
Notes:
1. tINYH = Input Pad-to-Y High
2. tINYL = Input Pad-to-Y Low
3. LVTTL delays are the same as CMOS delays.
4. For LP Macros, VDDP=2.3 V for delays.
5. All –F parts are only available as commercial.
Table 1-34 • Worst-Case Commercial Conditions
VDDP = 2.3 V, VDD = 2.3 V, TJ = 70°C
Macro Type
Description
Max. tINYH
1
Max. tINYL
2
Units
Std.
–F
Std.
–F
IB25LP
2.5 V, CMOS Input Levels3, Low Power
0.9
1.1
0.6
0.8
ns
IB25LPS
2.5 V, CMOS Input Levels3, Low Power, Schmitt Trigger
0.7
0.9
0.9
1.1
ns
Notes:
1. tINYH = Input Pad-to-Y High
2. tINYL = Input Pad-to-Y Low
3. LVTTL delays are the same as CMOS delays.
4. For LP Macros, VDDP=2.3 V for delays.
5. All –F parts are only available as commercial.
PAD
Y
PAD
V
DDP
0 V
50%
Y
GND
V
DD
50%
t
INYH
50%
50%
IN YL
IBx
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com