Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 18 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 18 Page - Actel Corporation

Back Button APA150 Datasheet HTML 14Page - Actel Corporation APA150 Datasheet HTML 15Page - Actel Corporation APA150 Datasheet HTML 16Page - Actel Corporation APA150 Datasheet HTML 17Page - Actel Corporation APA150 Datasheet HTML 18Page - Actel Corporation APA150 Datasheet HTML 19Page - Actel Corporation APA150 Datasheet HTML 20Page - Actel Corporation APA150 Datasheet HTML 21Page - Actel Corporation APA150 Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 14
v5.2
enable the user to define a wide range of frequency
multipliers and divisors. The clock conditioning circuit can
advance or delay the clock up to 8 ns (in increments of
0.25 ns) relative to the positive edge of the incoming
reference clock. The system also allows for the selection of
output frequency clock phases of 0°, 90°, 180°, and 270°.
Prior to the application of signals to the rib drivers, they
pass through programmable delay units, one per global
network. These units permit the delaying of global
signals relative to other signals to assist in the control of
input set-up times. Not all possible combinations of input
and output modes can be used. The degrees of freedom
available in the bidirectional global pad system and in
the clock conditioning circuit have been restricted. This
avoids unnecessary and unwieldy design kit and software
work.
Notes:
1. FBDLY is a programmable delay line from 0 to 4 ns in 250 ps increments.
2. DLYA and DLYB are programmable delay lines, each with selectable values 0 ps, 250 ps, 500 ps, and 4 ns.
3. OBDIV will also divide the phase-shift since it takes place after the PLL Core.
Figure 1-14 • PLL Block – Top-Level View and Detailed PLL Block Diagram
AVDD
AGND
GND
+
-
VDD
External Feedback Signal
GLA
GLB
Dynamic
Configuration Bits
Flash
Configuration Bits
8
27
4
Clock Conditioning
Circuitry
(Top level view)
Global MUX A OUT
Global MUX B OUT
See Figure 1-15
on page 1-14
Input Pins to the PLL
GLB
GLA
÷u
÷v
PLL Core
0˚
90˚
180˚
270˚
0
1
7
6
5
4
2
Delay Line 0.0 ns, 0.25 ns,
0.50 ns and 4.00 ns
P+
P-
Clock from Core
(GLINT mode)
CLK
1
0
Deskew
Delay
2.95 ns
1
2
3
Delay Line
0.25 ns to
4.00 ns,
16 steps,
0.25 ns
increments
3
1
2
Delay Line 0.0 ns, 0.25 ns,
0.50 ns and 4.00 ns
Clock from Core
(GLINT mode)
CLKA
EXTFB
XDLYSEL
Bypass Secondary
Bypass Primary
FIVDIV[4:0]
FBDIV[5:0]
FBSEL[1:0]
OAMUX[1:0]
DLYA[1:0]
DLYB[1:0]
OBDIV[1:0]
OBMUX[2:0]
OADIV[1:0]
FBDLY[3:0]
÷n
÷m
Clock Conditioning Circuitry Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com