Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 64 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 64 Page - Actel Corporation

Back Button APA150 Datasheet HTML 60Page - Actel Corporation APA150 Datasheet HTML 61Page - Actel Corporation APA150 Datasheet HTML 62Page - Actel Corporation APA150 Datasheet HTML 63Page - Actel Corporation APA150 Datasheet HTML 64Page - Actel Corporation APA150 Datasheet HTML 65Page - Actel Corporation APA150 Datasheet HTML 66Page - Actel Corporation APA150 Datasheet HTML 67Page - Actel Corporation APA150 Datasheet HTML 68Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 60
v5.2
Synchronous SRAM Write
Note: The plot shows the normal operation status.
Figure 1-36 • Synchronous SRAM Write
Table 1-55 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
DCH
DI hold from WCLKS
↑
0.5
ns
DCS
DI setup to WCLKS
↑
1.0
ns
WACH
WADDR hold from WCLKS
↑
0.5
ns
WDCS
WADDR setup to WCLKS
↑
1.0
ns
WPCA
New WPE access from WCLKS
↑
3.0
ns
WPE is invalid while
PARGEN is active
WPCH
Old WPE valid from WCLKS
↑
0.5
ns
WRCH, WBCH WRB & WBLKB hold from WCLKS
↑
0.5
ns
WRCS, WBCS
WRB & WBLKB setup to WCLKS
↑
1.0
ns
Notes:
1. On simultaneous read and write accesses to the same location, DI is output to DO.
2. All –F speed grade devices are 20% slower than the standard numbers.
WCLKS
WPE
WADDR, DI
WRB, WBLKB
Cycle Start
tWRCH, tWBCH
tWRCS, tWBCS
tDCS, tWDCS
tWPCH
tDCH, tWACH
tWPCA
tCMH
tCML
tCCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com