Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 33 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 33 Page - Actel Corporation

Back Button APA150 Datasheet HTML 29Page - Actel Corporation APA150 Datasheet HTML 30Page - Actel Corporation APA150 Datasheet HTML 31Page - Actel Corporation APA150 Datasheet HTML 32Page - Actel Corporation APA150 Datasheet HTML 33Page - Actel Corporation APA150 Datasheet HTML 34Page - Actel Corporation APA150 Datasheet HTML 35Page - Actel Corporation APA150 Datasheet HTML 36Page - Actel Corporation APA150 Datasheet HTML 37Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-29
Package Thermal Characteristics
The ProASICPLUS family is available in several package
types with a range of pin counts. Actel has selected
packages based on high pin count, reliability factors, and
superior thermal characteristics.
Thermal resistance defines the ability of a package to
conduct heat away from the silicon, through the
package to the surrounding air. Junction-to-ambient
thermal resistance is measured in degrees Celsius/Watt
and is represented as Theta ja
(Θja). The lower the
thermal resistance, the more efficiently a package will
dissipate heat.
A package’s maximum allowed power (P) is a function of
maximum junction temperature (TJ), maximum ambient
operating temperature (TA), and junction-to-ambient
thermal resistance Θja. Maximum junction temperature is
the maximum allowable temperature on the active
surface of the IC and is 110° C. P is defined as
:
EQ 1-4
Θ
ja is a function of the rate (in linear feet per minute
(lfpm)) of airflow in contact with the package. When the
estimated power consumption exceeds the maximum
allowed power, other means of cooling, such as
increasing the airflow rate, must be used. The maximum
power dissipation allowed for a Military temperature
device is specified as a function of Θjc. The absolute
maximum junction temperature is 150°C.
The calculation of the absolute maximum power
dissipation
allowed
for
a
Military
temperature
application is illustrated in the following example for a
456-pin PBGA package:
EQ 1-5
P
T J TA
–
Θja
-------------------
=
Table 1-15 • Package Thermal Characteristics
Plastic Packages
Pin Count
θ
jc
θ
ja
Units
Still Air
1.0 m/s
200 ft./min.
2.5 m/s
500 ft./min.
Thin Quad Flat Pack (TQFP)
100
14.0
33.5
27.4
25.0
°C/W
Thin Quad Flat Pack (TQFP)
144
11.0
33.5
28.0
25.7
°C/W
Plastic Quad Flat Pack (PQFP)1
208
8.0
26.1
22.5
20.8
°C/W
PQFP with Heat spreader2
208
3.8
16.2
13.3
11.9
°C/W
Plastic Ball Grid Array (PBGA)
456
3.0
15.6
12.5
11.6
°C/W
Fine Pitch Ball Grid Array (FBGA)
144
3.8
26.9
22.9
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
256
3.8
26.6
22.8
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)3
484
3.2
18.0
14.7
13.6
°C/W
Fine Pitch Ball Grid Array (FBGA)4
484
3.2
20.5
17.0
15.9
°C/W
Fine Pitch Ball Grid Array (FBGA)
676
3.2
16.4
13.0
12.0
°C/W
Fine Pitch Ball Grid Array (FBGA)
896
2.4
13.6
10.4
9.4
°C/W
Fine Pitch Ball Grid Array (FBGA)
1152
1.8
12.0
8.9
7.9
°C/W
Ceramic Quad Flat Pack (CQFP)
208
2.0
22.0
19.8
18.0
°C/W
Ceramic Quad Flat Pack (CQFP)
352
2.0
17.9
16.1
14.7
°C/W
Ceramic Column Grid Array (CCGA/LGA)
624
6.5
8.9
8.5
8.0
°C/W
Notes:
1. Valid for the following devices irrespective of temperature grade: APA075, APA150, and APA300
2. Valid for the following devices irrespective of temperature grade: APA450, APA600, APA750, and APA1000
3. Depopulated Array
4. Full array
Maximum Power Allowed
Max. junction temp. (
°C) Max. case temp. (°C)
–
θ
jc(°C/W)
------------------------------------------------------------------------------------------------------------------------
150
°C 125°C
–
3.0
°C/W
--------------------------------------
8.333W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com