Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 57 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 57 Page - Actel Corporation

Back Button APA150 Datasheet HTML 53Page - Actel Corporation APA150 Datasheet HTML 54Page - Actel Corporation APA150 Datasheet HTML 55Page - Actel Corporation APA150 Datasheet HTML 56Page - Actel Corporation APA150 Datasheet HTML 57Page - Actel Corporation APA150 Datasheet HTML 58Page - Actel Corporation APA150 Datasheet HTML 59Page - Actel Corporation APA150 Datasheet HTML 60Page - Actel Corporation APA150 Datasheet HTML 61Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-53
Table 1-48 • JTAG Switching Characteristics
Description
Symbol
Min
Max
Unit
Output delay from TCK falling to TDI, TMS
tTCKTDI
–4
4
ns
TDO Setup time before TCK rising
tTDOTCK
10
ns
TDO Hold time after TCK rising
tTCKTDO
0
ns
TCK period
tTCK
100 2
1,000
ns
RCK period
tRCK
100
1,000
ns
Notes:
1. For DC electrical specifications of the JTAG pins (TCK, TDI, TMS, TDO, TRST), refer to Table 1-21 on page 1-36 when VDDP = 2.5 V
and Table 1-22 on page 1-38 when VDDP = 3.3 V.
2. If RCK is being used, there is no minimum on the TCK period.
Figure 1-30 • JTAG Operation Timing
TCK
TMS, TDI
TDO
tTCK
tTCKTDI
tTCKTDO
tTDOTCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com