Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 68 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 68 Page - Actel Corporation

Back Button APA150 Datasheet HTML 64Page - Actel Corporation APA150 Datasheet HTML 65Page - Actel Corporation APA150 Datasheet HTML 66Page - Actel Corporation APA150 Datasheet HTML 67Page - Actel Corporation APA150 Datasheet HTML 68Page - Actel Corporation APA150 Datasheet HTML 69Page - Actel Corporation APA150 Datasheet HTML 70Page - Actel Corporation APA150 Datasheet HTML 71Page - Actel Corporation APA150 Datasheet HTML 72Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 64
v5.2
Synchronous Write and Asynchronous Read to the Same Location
Note: The plot shows the normal operation status.
Figure 1-40 • Synchronous Write and Asynchronous Read to the Same Location
Table 1-59 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
ORDA
New DO access from RB
↓
7.5
ns
ORDH
Old DO valid from RB
↓
3.0
ns
OWRA
New DO access from WCLKS
↓
3.0
ns
OWRH
Old DO valid from WCLKS
↓
0.5
ns
RAWCLKS
RB
↓ or RADDR from WCLKS ↑
5.0
ns
RAWCLKH
RB
↑ or RADDR from WCLKS ↓
5.0
ns
Notes:
1. During an asynchronous read cycle, each write operation (synchronous or asynchronous) to the same location will automatically
trigger a read operation which updates the read data.
2. Violation of RAWCLKS will disturb access to OLD data.
3. Violation of RAWCLKH will disturb access to NEWER data.
4. All –F speed grade devices are 20% slower than the standard numbers.
RB, RADDR
OLD
NEW
NEWER
tORDA
tORDH
tRAWCLKS
tRAWCLKH
WCLKS
DO
tOWRH
tOWRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com