Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 47 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 47 Page - Actel Corporation

Back Button APA150 Datasheet HTML 43Page - Actel Corporation APA150 Datasheet HTML 44Page - Actel Corporation APA150 Datasheet HTML 45Page - Actel Corporation APA150 Datasheet HTML 46Page - Actel Corporation APA150 Datasheet HTML 47Page - Actel Corporation APA150 Datasheet HTML 48Page - Actel Corporation APA150 Datasheet HTML 49Page - Actel Corporation APA150 Datasheet HTML 50Page - Actel Corporation APA150 Datasheet HTML 51Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-43
Table 1-27 • Worst-Case Military Conditions
VDDP = 3.0 V, VDD = 2.3 V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max
tDLH
1
Max
tDHL
2
Max
tENZH
3
Max
tENZL
4
Units
Std.
Std.
Std.
Std.
OTB33PH
3.3 V, PCI Output Current, High Slew Rate
2.2
2.4
2.3
2.1
ns
OTB33PN
3.3 V, High Output Current, Nominal Slew Rate
2.4
3.2
2.7
2.3
ns
OTB33PL
3.3 V, High Output Current, Low Slew Rate
2.7
3.5
2.9
3.0
ns
OTB33LH
3.3 V, Low Output Current, High Slew Rate
2.7
4.3
3.0
3.1
ns
OTB33LN
3.3 V, Low Output Current, Nominal Slew Rate
3.3
4.7
3.4
4.4
ns
OTB33LL
3.3 V, Low Output Current, Low Slew Rate
3.2
6.0
3.5
5.9
ns
Notes:
1. tDLH=Data-to-Pad High
2. tDHL=Data-to-Pad Low
3. tENZH=Enable-to-Pad, Z to High
4. tENZL = Enable-to-Pad, Z to Low
Table 1-28 • Worst-Case Military Conditions
VDDP = 2.3 V, VDD = 2.3 V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max
tDLH
1
Max
tDHL
2
Max
tENZH
3
Max
tENZL
4
Units
Std.
Std.
Std.
Std.
OTB25LPHH
2.5 V, Low Power, High Output Current, High Slew Rate5
2.3
2.3
2.4
2.1
ns
OTB25LPHN
2.5 V, Low Power, High Output Current, Nominal Slew
Rate5
2.7
3.2
2.8
2.1
ns
OTB25LPHL
2.5 V, Low Power, High Output Current, Low Slew Rate5
3.2
3.5
3.3
2.8
ns
OTB25LPLH
2.5 V, Low Power, Low Output Current, High Slew Rate5
3.0
5.0
3.2
2.8
ns
OTB25LPLN
2.5 V, Low Power, Low Output Current, Nominal Slew Rate5
3.7
4.5
4.1
4.1
ns
OTB25LPLL
2.5 V, Low Power, Low Output Current, Low Slew Rate5
4.4
5.8
4.4
5.4
ns
Notes:
1. tDLH=Data-to-Pad High
2. tDHL=Data-to-Pad Low
3. tENZH=Enable-to-Pad, Z to High
4. tENZL = Enable-to-Pad, Z to Low
5. Low power I/O work with VDDP=2.5V ±10% only. VDDP=2.3V for delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com