Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 37 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 37 Page - Actel Corporation

Back Button APA150 Datasheet HTML 33Page - Actel Corporation APA150 Datasheet HTML 34Page - Actel Corporation APA150 Datasheet HTML 35Page - Actel Corporation APA150 Datasheet HTML 36Page - Actel Corporation APA150 Datasheet HTML 37Page - Actel Corporation APA150 Datasheet HTML 38Page - Actel Corporation APA150 Datasheet HTML 39Page - Actel Corporation APA150 Datasheet HTML 40Page - Actel Corporation APA150 Datasheet HTML 41Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-33
Operating Conditions
Standard and –F parts are the same unless otherwise noted. All –F parts are only available as commercial.
Performance Retention
For devices operated and stored at 110°C or less, the
performance
retention
period
is
20
years
after
programming. For devices operated and stored at
temperatures greater than 110°C, refer to Table 1-18 on
page 1-34 to determine the performance retention
period. Actel does not guarantee performance if the
performance retention period is exceeded. Designers can
determine the performance retention period from the
following table.
Evaluate the percentage of time spent at the highest
temperature,
then
determine
the
next
highest
temperature to which the device will be exposed. In
Table 1-18 on page 1-34, find the temperature profile
that most closely matches the application.
Example – the ambient temperature of a system cycles
between 100°C (25% of the time) and 50°C (75% of the
time). No forced ventilation cooling system is in use. An
APA600-PQ208M
FPGA
operates
in
the
system,
dissipating
1 W.
The
package
thermal
resistance
(junction-to-ambient) in still air Θja is 20°C/W, indicating
that the junction temperature of the FPGA will be 120°C
(25% of the time) and 70°C (75% of the time). The entry
in Table 1-18 on page 1-34, which most closely matches
the application, is 25% at 125°C with 75% at 110°C.
Performance retention in this example is at least 16.0
years.
Note that exceeding the stated retention period may
result in a performance degradation in the FPGA below
the worst-case performance indicated in the Actel Timer.
To ensure that performance does not degrade below the
worst-case values in the Actel Timer, the FPGA must be
reprogrammed
within
the
performance
retention
period. In addition, note that performance retention is
independent of whether or not the FPGA is operating.
The retention period of a device in storage at a given
temperature will be the same as the retention period of
a device operating at that junction temperature.
Table 1-16 • Absolute Maximum Ratings*
Parameter
Condition
Minimum
Maximum
Units
Supply Voltage Core (VDD)–0.3
3.0
V
Supply Voltage I/O Ring (VDDP)–0.3
4.0
V
DC Input Voltage
–0.3
VDDP + 0.3
V
PCI DC Input Voltage
–1.0
VDDP + 1.0
V
PCI DC Input Clamp Current (absolute)
VIN < –1 or VIN = VDDP + 1 V
10
mA
LVPECL Input Voltage
–0.3
VDDP + 0.5
V
GND
00
V
Note: *Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability. Devices should not be operated outside the
Recommended Operating Conditions.
Table 1-17 • Programming, Storage, and Operating Limits
Product Grade
Programming Cycles (min.)
Program Retention (min.)
Storage Temperature
Operating
Min.
Max.
TJ Max.
Junction
Temperature
Commercial
500
20 years
–55°C
110°C
110°C
Industrial
500
20 years
–55°C
110°C
110°C
Military
100
–
–65°C
150°C
150°C
MIL-STD-883
100
–
–65°C
150°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com