Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 12 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 12 Page - Actel Corporation

Back Button APA150 Datasheet HTML 8Page - Actel Corporation APA150 Datasheet HTML 9Page - Actel Corporation APA150 Datasheet HTML 10Page - Actel Corporation APA150 Datasheet HTML 11Page - Actel Corporation APA150 Datasheet HTML 12Page - Actel Corporation APA150 Datasheet HTML 13Page - Actel Corporation APA150 Datasheet HTML 14Page - Actel Corporation APA150 Datasheet HTML 15Page - Actel Corporation APA150 Datasheet HTML 16Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 8
v5.2
Array Coordinates
During many place-and-route operations in Actel’s
Designer software tool, it is possible to set constraints
that require array coordinates.
Table 1-2 is provided as a reference. The array coordinates
are measured from the lower left (0,0). They can be used in
region constraints for specific groups of core cells, I/Os, and
RAM blocks. Wild cards are also allowed.
I/O and cell coordinates are used for placement
constraints. Two coordinate systems are needed because
there is not a one-to-one correspondence between I/O
cells and core cells. In addition, the I/O coordinate system
changes depending on the die/package combination.
Core cell coordinates start at the lower left corner
(represented as (1,1)) or at (1,5) if memory blocks are
present at the bottom. Memory coordinates use the
same system and are indicated in Table 1-2. The memory
coordinates for an APA1000 are illustrated in Figure 1-8.
For more information on how to use constraints, see the
Designer User’s Guide or online help for ProASICPLUS
software tools.
Table 1-2 •
Array Coordinates
Device
Logic Tile
Memory Rows
All
Min.
Max.
Bottom
Top
xy
x
y
y
y
Min.
Max.
APA075
1
1
96
32
–
(33,33) or (33, 35)
0,0
97, 37
APA150
1
1
128
48
–
(49,49) or (49, 51)
0,0
129, 53
APA300
1
5
128
68
(1,1) or (1,3)
(69,69) or (69, 71)
0,0
129, 73
APA450
1
5
192
68
(1,1) or (1,3)
(69,69) or (69, 71)
0,0
193, 73
APA600
1
5
224
100
(1,1) or (1,3)
(101,101) or (101, 103)
0,0
225, 105
APA750
1
5
256
132
(1,1) or (1,3)
(133,133) or (133, 135)
0,0
257, 137
APA1000
1
5
352
164
(1,1) or (1,3)
(165,165) or (165, 167)
0,0
353, 169
Figure 1-8 • Core Cell Coordinates for the APA1000
(353,169)
(352,167)
(352,165)
(352,164)
(352,5)
(352,3)
(353,0)
(352,1)
(1,5)
(1,1)
(1,164)
(1,165)
(1,3)
(1,167)
(1,169)
(0,0)
Core
Memory
Blocks
Memory
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com