Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 31 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 31 Page - Actel Corporation

Back Button APA150 Datasheet HTML 27Page - Actel Corporation APA150 Datasheet HTML 28Page - Actel Corporation APA150 Datasheet HTML 29Page - Actel Corporation APA150 Datasheet HTML 30Page - Actel Corporation APA150 Datasheet HTML 31Page - Actel Corporation APA150 Datasheet HTML 32Page - Actel Corporation APA150 Datasheet HTML 33Page - Actel Corporation APA150 Datasheet HTML 34Page - Actel Corporation APA150 Datasheet HTML 35Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-27
Design Environment
The ProASICPLUS family of FPGAs is fully supported by
both Actel's Libero® Integrated Design Environment
(IDE) and Designer FPGA Development software. Actel
Libero IDE is an integrated design manager that
seamlessly integrates design tools while guiding the user
through the design flow, managing all design and log
files, and passing necessary design data among tools.
Additionally, Libero IDE allows users to integrate both
schematic and HDL synthesis into a single flow and verify
the entire design in a single environment (see Actel’s
website for more information about Libero IDE). Libero
IDE includes Synplify® AE from Synplicity®, ViewDraw®
AE from Mentor Graphics®, ModelSim® HDL Simulator
from Mentor Graphics, WaveFormer Lite™ AE from
SynaptiCAD®, PALACE™ AE Physical Synthesis from
Magma, and Designer software from Actel.
PALACE is an effective tool when designing with
ProASICPLUS. PALACE AE Physical Synthesis from Magma
takes an EDIF netlist and optimizes the performance of
ProASICPLUS devices through a physical placement-driven
process, ensuring that timing closure is easily achieved.
Actel's Designer software is a place-and-route tool that
provides a comprehensive suite of back-end support
tools for FPGA development. The Designer software
includes the following:
•
Timer – a world-class integrated static timing
analyzer and constraints editor that support
timing-driven place-and-route
•
NetlistViewer – a design netlist schematic viewer
•
ChipPlanner – a graphical floorplanner viewer and
editor
•
SmartPower – allows the designer to quickly
estimate the power consumption of a design
•
PinEditor – a graphical application for editing pin
assignments and I/O attributes
•
I/O Attribute Editor – displays all assigned and
unassigned I/O macros and their attributes in a
spreadsheet format
With the Designer software, a user can lock the design
pins before layout while minimally impacting the results
of place-and-route. Additionally, Actel’s back-annotation
flow is compatible with all the major simulators. Another
tool included in the Designer software is the ACTgen
macro
builder,
which
easily
creates
popular
and
commonly used logic functions for implementation into
your schematic or HDL design.
Actel's Designer software is compatible with the most
popular FPGA design entry and verification tools from
EDA vendors, such as Mentor Graphics, Synplicity,
Synopsys, and Cadence Design Systems. The Designer
software is available for both the Windows and UNIX
operating systems.
ISP
The user can generate *.bit or *.stp programming files
from the Designer software and can use these files to
program a device.
ProASICPLUS devices can be programmed in-system. For
more information on ISP of ProASICPLUS devices, refer to
the In-System Programming ProASICPLUS Devices and
Performing Internal In-System Programming Using Actel’s
ProASICPLUS Devices application notes. Prior to being
programmed for the first time, the ProASICPLUS device I/Os
are in a tristate condition with the pull-up resistor option
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com