Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 54 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 54 Page - Actel Corporation

Back Button APA150 Datasheet HTML 50Page - Actel Corporation APA150 Datasheet HTML 51Page - Actel Corporation APA150 Datasheet HTML 52Page - Actel Corporation APA150 Datasheet HTML 53Page - Actel Corporation APA150 Datasheet HTML 54Page - Actel Corporation APA150 Datasheet HTML 55Page - Actel Corporation APA150 Datasheet HTML 56Page - Actel Corporation APA150 Datasheet HTML 57Page - Actel Corporation APA150 Datasheet HTML 58Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 50
v5.2
Predicted Global Routing Delay
Global Routing Skew
Table 1-41 • Worst-Case Commercial Conditions1
VDDP = 3.0 V, VDD = 2.3 V, TJ = 70°C
Parameter
Description
Max.
Units
Std.
–F2
tRCKH
Input Low to High3
1.1
1.3
ns
tRCKL
Input High to Low3
1.0
1.2
ns
tRCKH
Input Low to High4
0.8
1.0
ns
tRCKL
Input High to Low4
0.8
1.0
ns
Notes:
1. The timing delay difference between tile locations is less than 15ps.
2. All –F parts are only available as commercial.
3. Highly loaded row 50%.
4. Minimally loaded row.
Table 1-42 • Worst-Case Military Conditions
VDDP = 3.0V, VDD = 2.3V, TJ = 125°C for Military/MIL-STD-883
Parameter
Description
Max.
Units
tRCKH
Input Low to High (high loaded row of 50%)
1.1
ns
tRCKL
Input High to Low (high loaded row of 50%)
1.0
ns
tRCKH
Input Low to High (minimally loaded row)
0.8
ns
tRCKL
Input High to Low (minimally loaded row)
0.8
ns
Note: * The timing delay difference between tile locations is less than 15 ps.
Table 1-43 • Worst-Case Commercial Conditions
VDDP = 3.0 V, VDD = 2.3 V, TJ = 70°C
Parameter
Description
Max.
Units
Std.
–F*
tRCKSWH
Maximum Skew Low to High
270
320
ps
tRCKSHH
Maximum Skew High to Low
270
320
ps
Note: *All –F parts are only available as commercial.
Table 1-44 • Worst-Case Commercial Conditions
VDDP = 3.0V, VDD = 2.3V, TJ = 125°C for Military/MIL-STD-883
Parameter
Description
Max.
Units
tRCKSWH
Maximum Skew Low to High
270
ps
tRCKSHH
Maximum Skew High to Low
270
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com