Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 62 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 62 Page - Actel Corporation

Back Button APA150 Datasheet HTML 58Page - Actel Corporation APA150 Datasheet HTML 59Page - Actel Corporation APA150 Datasheet HTML 60Page - Actel Corporation APA150 Datasheet HTML 61Page - Actel Corporation APA150 Datasheet HTML 62Page - Actel Corporation APA150 Datasheet HTML 63Page - Actel Corporation APA150 Datasheet HTML 64Page - Actel Corporation APA150 Datasheet HTML 65Page - Actel Corporation APA150 Datasheet HTML 66Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 58
v5.2
Asynchronous SRAM Read, Address Controlled, RDB=0
Note: The plot shows the normal operation status.
Figure 1-34 • Asynchronous SRAM Read, Address Controlled, RDB=0
Table 1-53 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883B
Symbol txxx
Description
Min.
Max.
Units
Notes
ACYC
Read cycle time
7.5
ns
OAA
New DO access from RADDR stable
7.5
ns
OAH
Old DO hold from RADDR stable
3.0
ns
RPAA
New RPE access from RADDR stable
10.0
ns
RPAH
Old RPE hold from RADDR stable
3.0
ns
Note: All –F speed grade devices are 20% slower than the standard numbers.
RPE
DO
RADDR
tOAH
tRPAH
tOAA
tRPAA
tACYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com