Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 32Page - Texas Instruments TAS5508 Datasheet HTML 33Page - Texas Instruments TAS5508 Datasheet HTML 34Page - Texas Instruments TAS5508 Datasheet HTML 35Page - Texas Instruments TAS5508 Datasheet HTML 36Page - Texas Instruments TAS5508 Datasheet HTML 37Page - Texas Instruments TAS5508 Datasheet HTML 38Page - Texas Instruments TAS5508 Datasheet HTML 39Page - Texas Instruments TAS5508 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 105 page
background image
2.10.1 DRC Implementation
t
window
+
*
1
F
S
n(1 * ae)
ta +
*
1
F
S
n(1 * aa)
t
d
+
*
1
F
S
n(1 * ad)
2.10.2 Compression/Expansion Coefficient Computation Engine Parameters
TAS5508
8-Channel Digital Audio PWM Processor
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
www.ti.com
• Slopes k0, k1, and k2 define whether compression or expansion is to be performed within a given
region, and the degree of compression or expansion to be applied. Slopes are programmed as 28-bit
(5.23 format) numbers.
The three elements comprising the DRC include: (1) an rms estimator, (2) a compression/expansion
coefficient computation engine, and (3) an attack/decay controller.
• RMS estimator—This DRC element derives an estimate of the rms value of the audio data stream into
the DRC. For the DRC block shared by Ch1 and Ch2, two estimates are computed—an estimate of the
Ch1 audio data stream into the DRC, and an estimate of the Ch2 audio data stream into the DRC. The
outputs of the two estimators are then compared, sample-by-sample, and the larger-valued sample is
forwarded to the compression/expansion coefficient computation engine.
Two programmable parameters, ae and (1 – ae), set the effective time window over which the rms
estimate is made. For the DRC block shared by Ch1 and Ch2, the programmable parameters apply to
both rms estimators. The time window over which the rms estimation is computed can be determined
by:
• Compression/expansion coefficient computation—This DRC element converts the output of the rms
estimator to a logarithmic number, determines the region where the input resides, and then computes
and outputs the appropriate coefficient to the attack/decay element. Seven programmable parameters,
T1, T2, O1, O2, k0, k1, and k2, define the three compression/expansion regions implemented by this
element.
• Attack/decay control—This DRC element controls the transition time of changes in the coefficient
computed in the compression/expansion coefficient computation element. Four programmable
parameters define the operation of this element. Parameters ad and (1 – ad) set the decay or release
time constant to be used for volume boost (expansion). Parameters aa and (1 – aa) set the attack time
constant to be used for volume cuts. The transition time constants can be determined by:
There are seven programmable parameters assigned to each DRC block: two threshold parameters—T1
and T2, two offset parameters—O1 and O2, and three slope parameters—k0, k1, and k2. The threshold
parameters establish the three regions of the DRC transfer curve, the offsets anchor the transfer curve by
establishing known gain settings at the threshold levels, and the slope parameters define whether a given
region is a compression or an expansion region
The audio input stream into the DRC must pass through DRC-dedicated programmable input mixers.
These mixers are provided to scale the 32-bit input into the DRC to account for the positioning of the
audio data in the 48-bit DAP word and the net gain or attenuation in signal level between the SAP input
and the DRC. The selection of threshold values must take the gain (attenuation) of these mixers into
account. The DRC implementation examples that follow illustrate the effect these mixers have on
establishing the threshold settings.
T2 establishes the boundary between the high-volume region and the mid-volume region. T1 establishes
the boundary between the mid-volume region and the low-volume region. Both thresholds are set in
logarithmic space, and which region is active for any given rms estimator output sample is determined by
the logarithmic value of the sample.
Description
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com