Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 65Page - Texas Instruments TAS5508 Datasheet HTML 66Page - Texas Instruments TAS5508 Datasheet HTML 67Page - Texas Instruments TAS5508 Datasheet HTML 68Page - Texas Instruments TAS5508 Datasheet HTML 69Page - Texas Instruments TAS5508 Datasheet HTML 70Page - Texas Instruments TAS5508 Datasheet HTML 71Page - Texas Instruments TAS5508 Datasheet HTML 72Page - Texas Instruments TAS5508 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
6
Serial-Control I
2C Register Summary
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
The TAS5508 slave address is 0x36. See Serial-Control Interface Register Definitions, Section 7 for
complete bit definitions.
Note that u indicates unused bits.
TOTAL
I2C
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE
BYTES
SUBADDRESS
0x00
1
Clock control register
Set data rate and MCLK frequency
1. Fs = 48 kHz
2. MCLK = 256 Fs = 12.288 MHz
0x01
1
General status register
Clip indicator and ID code for the
0x01
TAS5508
0x02
1
Error status register
PLL, SCLK, LRCLK, and frame slip
No errors
errors
1. PWM high pass disabled
PWM high pass, clock set, unmute
2. Auto clock set
0x03
1
System control register 1
select, PSVC select
3. Hard unmute on clock error recovery
4. PSVC Hi-Z disabled
1. Automute time-out disabled
2. Post-DAP detection automute enabled
0x04
1
System control register 2
Automute and de-emphasis control
3. 8-Ch device input detection automute enabled
4. Unmute threshold 6 dB over input
5. No de-emphasis
1. Enable back-end reset.
2. Valid low for reset
3. Valid low for mute
Channel configuration
Configure channels 1, 2, 3, 4, 5, 6, 7,
0x05–0x0C
1/reg.
4. Normal BEPolarity
control registers
and 8
5. Do not remap the output for the TAS5182.
6. Do not go low-low in mute.
7. Do not remap Hi-Z state to low-low state.
1. Disable back-end reset sequence.
2. Valid does not have to be low for reset.
3. Valid does not have to be low for mute.
Headphone configuration
0x0D
1
Configure headphone output
4. Normal BEPolarity
control register
5. Do not remap output to comply with 5182.
6. Do not go low-low in mute.
7. Do not remap Hi-Z state to low-low state.
0x0E
1
Serial data interface control
Set serial data interface to
24-bit I2S
register
right-justified, I2S, or left-justified.
0x0F
1
Soft mute register
Soft mute for channels 1, 2, 3, 4, 5, 6,
Unmute all channels.
7, and 8
0x10–0x13
Reserved
0x14
1
Automute control register
Set automute delay and threshold.
1. Set automute delay = 5 ms.
2. Set automute threshold less than bit 8.
0x15
1
Automute PWM threshold
Set PWM automute threshold; set
1. Set the PWM threshold the same as the TAS5508
and back-end reset period
back-end reset period.
input threshold.
register
2. Set back-end reset period = 5 ms.
0x16
1
Modulation index limit
Set modulation index.
97.7%
register
0x17–0x1A
Reserved
Channel 1 delay = –23 DCLK periods
Channel 2 delay = 0 DCLK periods
Channel 3 delay = –16 DCLK periods
Channel 4 delay = 16 DCLK periods
0x1B–0x22
1/reg.
Interchannel delay registers
Set interchannel delay.
Channel 5 delay = –24 DCLK periods
Channel 6 delay = 8 DCLK periods
Channel 7 delay = –8 DCLK periods
Channel 8 delay = 24 DCLK periods
0x23
1
Channel offset register
Absolute delay offset for channel 1
Minimum absolute default = 0 DCLK periods
(0–255)
0x24–0x3F
Reserved
0x40
4
Bank-switching command
Set up DAP coefficients bank
Manual selection – bank 1
register
switching for banks 1, 2, and 3
Submit Documentation Feedback
69
Serial-Control I2C Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com