Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 35Page - Texas Instruments TAS5508 Datasheet HTML 36Page - Texas Instruments TAS5508 Datasheet HTML 37Page - Texas Instruments TAS5508 Datasheet HTML 38Page - Texas Instruments TAS5508 Datasheet HTML 39Page - Texas Instruments TAS5508 Datasheet HTML 40Page - Texas Instruments TAS5508 Datasheet HTML 41Page - Texas Instruments TAS5508 Datasheet HTML 42Page - Texas Instruments TAS5508 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
Gain Coefficient
48
Select
Output
N
28
48
Gain Coefficient
48
28
48
Output
Select
Output
N
1, 2, 3, 4, 5, or 6
Gain Coefficient
48
Select
Output
N
28
48
Gain Coefficient
48
28
48
Output
Select
Output
N
7 or 8
48
Gain Coefficient
48
Select
Output
N
28
M0011-02
2.12 PWM
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
Figure 2-18. Output Mixers
The TAS5508 has eight channels of high-performance digital PWM modulators that are designed to drive
switching output stages (back ends) in both single-ended (SE) and H-bridge (bridge-tied load)
configurations. The TAS5508 device uses noise-shaping and sophisticated, error-correction algorithms to
achieve high power efficiency and high-performance digital audio reproduction. The TAS5508 uses an
AD1 PWM modulation scheme combined with a fifth-order noise shaper to provide a 102-dB SNR from
20 Hz to 20 kHz.
The PWM section accepts 32-bit PCM data from the DAP and outputs eight PWM audio output channels
configurable as either:
• Six channels to drive power stages and two channels to drive a differential-input active filter to provide
a separately controllable stereo lineout
• Eight channels to drive power stages
The TAS5508 PWM section output supports both single-ended and bridge-tied loads.
The PWM section provides a headphone PWM output to drive an external differential amplifier like the
TPA112. The headphone circuit uses the PWM modulator for channels 1 and 2. The headphone does not
operate while the six or eight back-end drive channels are operating. The headphone is enabled via a
headphone-select terminal or I2C command.
The PWM section has individual channel dc blocking filters that can be enabled and disabled. The filter
cutoff frequency is less than 1 Hz.
The PWM section has individual channel de-emphasis filters for 32, 44.1, and 48 kHz that can be enabled
and disabled.
Submit Documentation Feedback
Description
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com