| Electronic Components Datasheet Search |
|
TAS5508 Datasheet(PDF) 89 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5508 Datasheet(HTML) 89 Page - Texas Instruments |
|
89 / 105 page ![]() 7.27 8 =3 Output Mixer Registers (0xB0–0xB1) TAS5508 8-Channel Digital Audio PWM Processor www.ti.com SLES091D – FEBRUARY 2004 – REVISED JULY 2009 Table 7-27. Output Mixer Register Format (Upper 4 Bytes) (continued) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 1 1 Select channel 4 to output mixer 0 1 0 0 Select channel 5 to output mixer 0 1 0 1 Select channel 6 to output mixer 0 1 1 0 Select channel 7 to output mixer 0 1 1 1 Select channel 8 to output mixer G27 G26 G25 G24 Selected channel gain (upper 4 bits) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION G23 G22 G21 G20 G19 G18 G17 G16 Selected channel gain (continued) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION G15 G14 G13 G12 G11 G10 G9 G8 Selected channel gain (continued) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION G7 G6 G5 G4 G3 G2 G1 G0 Selected channel gain (lower 8 bits) Table 7-28. Output Mixer Register Format (Lower 4 Bytes) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 Select channel 1 to output mixer 0 0 0 1 Select channel 2 to output mixer 0 0 1 0 Select channel 3 to output mixer 0 0 1 1 Select channel 4 to output mixer 0 1 0 0 Select channel 5 to output mixer 0 1 0 1 Select channel 6 to output mixer 0 1 1 0 Select channel 7 to output mixer 0 1 1 1 Select channel 8 to output mixer G27 G26 G25 G24 Selected channel gain (upper 4 bits) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION G23 G22 G21 G20 G19 G18 G17 G16 Selected channel gain (continued) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION G15 G14 G13 G12 G11 G10 G9 G8 Selected channel gain (continued) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION G7 G6 G5 G4 G3 G2 G1 G0 Selected channel gain (lower 8 bits) Output mixers for channels 7 and 8 map to registers 0xB0 and 0xB1, respectively. Total data per register is 12 bytes. Table 7-29. Output Mixer Register Format (Upper 4 Bytes) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 Select channel 1 to output mixer 0 0 0 1 Select channel 2 to output mixer 0 0 1 0 Select channel 3 to output mixer 0 0 1 1 Select channel 4 to output mixer 0 1 0 0 Select channel 5 to output mixer 0 1 0 1 Select channel 6 to output mixer 0 1 1 0 Select channel 7 to output mixer Submit Documentation Feedback Serial-Control Interface Register Definitions 89 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |