Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 73Page - Texas Instruments TAS5508 Datasheet HTML 74Page - Texas Instruments TAS5508 Datasheet HTML 75Page - Texas Instruments TAS5508 Datasheet HTML 76Page - Texas Instruments TAS5508 Datasheet HTML 77Page - Texas Instruments TAS5508 Datasheet HTML 78Page - Texas Instruments TAS5508 Datasheet HTML 79Page - Texas Instruments TAS5508 Datasheet HTML 80Page - Texas Instruments TAS5508 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
7.10 Automute Control Register (0x14)
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
Table 7-10. Automute Control Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
0
0
0
0
Set input automute and PWM automute delay to 1 ms
–
–
–
–
0
0
0
1
Set input automute and PWM automute delay to 2 ms
–
–
–
–
0
0
1
0
Set input automute and PWM automute delay to 3 ms
–
–
–
–
0
0
1
1
Set input automute and PWM automute delay to 4 ms
–
–
–
–
0
1
0
0
Set input automute and PWM automute delay to 5 ms
–
–
–
–
0
1
0
1
Set input automute and PWM automute delay to 10 ms
–
–
–
–
0
1
1
0
Set input automute and PWM automute delay to 20 ms
–
–
–
–
0
1
1
1
Set input automute and PWM automute delay to 30 ms
–
–
–
–
1
0
0
0
Set input automute and PWM automute delay to 40 ms
–
–
–
–
1
0
0
1
Set input automute and PWM automute delay to 50 ms
–
–
–
–
1
0
1
0
Set input automute and PWM automute delay to 60 ms
–
–
–
–
1
0
1
1
Set input automute and PWM automute delay to 70ms
–
–
–
–
1
1
0
0
Set input automute and PWM automute delay to 80 ms
–
–
–
–
1
1
0
1
Set input automute and PWM automute delay to 90 ms
–
–
–
–
1
1
1
0
Set input automute and PWM automute delay to 100 ms
–
–
–
–
1
1
1
1
Set input automute and PWM automute delay to 110 ms
0
0
0
0
–
–
–
Set input automute threshold less than bit 1 (zero input signal), lowest
automute threshold.
0
0
0
1
–
–
–
–
0
0
1
0
–
–
–
–
Set input automute threshold less than bit 2
0
0
1
1
–
–
–
–
Set input automute threshold less than bit 3
0
1
0
0
–
–
–
–
Set input automute threshold less than bit 4
0
1
0
1
–
–
–
–
Set input automute threshold less than bit 5
0
1
1
0
–
–
–
–
Set input automute threshold less than bit 6
0
1
1
1
–
–
–
–
Set input automute threshold less than bit 7
1
0
0
0
–
–
–
–
Set input automute threshold less than bit 8
1
0
0
1
–
–
–
–
Set input automute threshold less than bit 9
1
0
1
0
–
–
–
–
Set input automute threshold less than bit 10
1
0
1
1
–
–
–
–
Set input automute threshold less than bit 11
1
1
0
0
–
–
–
–
Set input automute threshold less than bit 12
1
1
0
1
–
–
–
–
Set input automute threshold less than bit 13
1
1
1
0
–
–
–
–
Set input automute threshold less than bit 14
1
1
1
1
–
–
–
–
Set input automute threshold less than bit 15
Submit Documentation Feedback
Serial-Control Interface Register Definitions
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com