Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 81Page - Texas Instruments TAS5508 Datasheet HTML 82Page - Texas Instruments TAS5508 Datasheet HTML 83Page - Texas Instruments TAS5508 Datasheet HTML 84Page - Texas Instruments TAS5508 Datasheet HTML 85Page - Texas Instruments TAS5508 Datasheet HTML 86Page - Texas Instruments TAS5508 Datasheet HTML 87Page - Texas Instruments TAS5508 Datasheet HTML 88Page - Texas Instruments TAS5508 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
7.19 Bass and Treble Bypass Register, Channels 1–8 (0x89–0x90)
7.20 Loudness Registers (0x91–0x95)
7.21 DRC1 Control Registers, Channels 1–7 (0x96)
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
Table 7-19. Contents of One 20-Byte Biquad Filter Register (Default = All-Pass) (continued)
DEFAULT GAIN COEFFICIENT VALUES
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
b1 coefficient
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0.0
0x00, 0x00, 0x00, 0x00
b2 coefficient
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0.0
0x00, 0x00, 0x00, 0x00
a1 coefficient
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0.0
0x00, 0x00, 0x00, 0x00
a2 coefficient
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0.0
0x00, 0x00, 0x00, 0x00
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0x89, 0x8A, 0x8B, 0x8C, 0x8D, 0x8E, 0x8F,
and 0x90, respectively. Eight bytes are written for each channel. Each gain coefficient is in 28-bit (5.23)
format so 0x80 0000 is a gain of 1. Each gain coefficient is written as a 32-bit word with the upper four bits
not used.
Table 7-20. Channel 1–8 Bass and Treble Bypass Register Format
REGISTER
TOTAL
CONTENTS
INITIALIZATION VALUE
NAME
BYTES
Channel bass and
u[31:28], bypass[27:24], bypass[23:16], bypass[15:8], bypass[7:0]
0x00, 0x80, 0x00, 0x00
treble bypass
8
Channel bass and
u[31:28], inline[27:24], inline[23:16], inline[15:8], inline[7:0]
0x00, 0x00, 0x00, 0x00
treble inline
Table 7-21. Loudness Register Format
I2C SUB-
TOTAL
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
ADDRESS BYTES
0x91
4
Loudness Log2 gain (LG)
u[31:28], LG[27:24], LG[23:16], LG[15:8], LG[7:0]
0xFF, 0xC0, 0x00, 0x00
Loudness Log2 offset (LO)
u[31:24], u[23:16], LO[15:8], LO[7:0]
0x00, 0x00, 0x00, 0x00
0x92
8
Loudness Log2 LO
LO[31:24], LO[23:16], LO[15:8], LO[7:0]
0x00, 0x00, 0x00, 0x00
0x93
4
Loudness gain (G)
u[31:28], G[27:24], G[23:16], G[15:8], G[7:0]
0x00, 0x00, 0x00, 0x00
Loudness offset upper
u[31:24], u[23:16], O[15:8], O[7:0]
0x00, 0x00, 0x00, 0x00
16 bits (O)
0x94
8
Loudness O offset lower 32
O[31:24], O[23:16], O[15:8], O[7:0]
0x00, 0x00, 0x00, 0x00
bits (O)
Loudness biquad (b0)
u[31:28], b0[27:24], b0[23:16], b0[15:8], b0[7:0]
0x00, 0x00, 0xD5, 0x13
Loudness biquad (b1)
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0x00, 0x00, 0x00, 0x00
0x95
20
Loudness biquad (b2)
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0x0F, 0xFF, 0x2A, 0xED
Loudness biquad (a1)
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0x00, 0xFE, 0x50, 0x45
Loudness biquad (a2)
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0x0F, 0x81, 0xAA, 0x27
Bits D31–D14 are Don't Care.
Table 7-22. Channel 1–7 DCR1 Control Register Format
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
Unused bits
Submit Documentation Feedback
Serial-Control Interface Register Definitions
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com