Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 70Page - Texas Instruments TAS5508 Datasheet HTML 71Page - Texas Instruments TAS5508 Datasheet HTML 72Page - Texas Instruments TAS5508 Datasheet HTML 73Page - Texas Instruments TAS5508 Datasheet HTML 74Page - Texas Instruments TAS5508 Datasheet HTML 75Page - Texas Instruments TAS5508 Datasheet HTML 76Page - Texas Instruments TAS5508 Datasheet HTML 77Page - Texas Instruments TAS5508 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 105 page
background image
7.3
Error Status Register (0x02)
7.4
System Control Register 1 (0x03)
7.5
System Control Register 2 (0x04)
7.6
Channel Configuration Control Registers (0x05–0x0C)
TAS5508
8-Channel Digital Audio PWM Processor
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
www.ti.com
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software
must clear the register (write zeroes) and then read them to determine if there are any persistent errors.
Table 7-3. Error Status Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
PLL phase lock error
–
1
–
–
–
–
–
–
PLL auto lock error
–
–
1
–
–
–
–
–
SCLK error
–
–
–
1
–
–
–
–
LRCLK error
–
–
–
–
1
–
–
–
Frame slip
0
0
0
0
0
0
0
0
No errors
Bits D5, D2, D1, and D0 are Don't Care.
Table 7-4. System Control Register 1 Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
–
–
–
PWM high pass disabled
1
–
–
–
PWM high pass enabled
–
–
0
Soft unmute on recovery from clock error
–
–
1
Hard unmute on recovery from clock error
–
–
–
1
PSVC Hi-Z enable
–
–
–
0
PSVC Hi-Z disable
Bits D3 and D2 are Don't Care.
Table 7-5. System Control Register 2 Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
–
–
–
–
–
Reserved
–
0
–
–
–
–
PWM automute detection enabled
–
1
–
–
–
–
PWM automute detection disabled
0
–
–
–
8-Ch device input detection automute enabled
–
–
1
–
–
–
8-Ch device input detection automute disabled
–
–
–
0
–
–
Unmute threshold 6 dB over input threshold
–
–
–
1
–
–
Unmute threshold equal to input threshold
–
–
–
–
0
0
No de-emphasis
–
–
–
–
0
1
De-emphasis for Fs = 32 kHz
–
–
–
–
1
0
De-emphasis for Fs = 44.1 kHz
–
–
–
–
1
1
De-emphasis for Fs = 48 kHz
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into 0x05, 0x06, 0x07, 0x08, 0x09, 0x0A, 0x0B, and 0x0C,
respectively.
Bit D0 is Don't Care.
Serial-Control Interface Register Definitions
74
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com