Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 75Page - Texas Instruments TAS5508 Datasheet HTML 76Page - Texas Instruments TAS5508 Datasheet HTML 77Page - Texas Instruments TAS5508 Datasheet HTML 78Page - Texas Instruments TAS5508 Datasheet HTML 79Page - Texas Instruments TAS5508 Datasheet HTML 80Page - Texas Instruments TAS5508 Datasheet HTML 81Page - Texas Instruments TAS5508 Datasheet HTML 82Page - Texas Instruments TAS5508 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 105 page
background image
7.12 Modulation Index Limit Register (0x16)
7.13 Interchannel Delay Registers (0x1B–0x22)
7.14 Channel Offset Register (0x23)
7.15 Bank-Switching Command Register (0x40)
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
Bits D7–D3 are Don't Care.
Table 7-12. Modulation Index Limit Register Format
LIMIT
MIN WIDTH
MODULATION
D7
D6
D5
D4
D3
D2
D1
D0
[DCLKs]
[DCLKs]
INDEX
0
0
0
1
2
99.2%
0
0
1
2
4
98.4%
0
1
0
3
6
97.7%
0
1
1
4
8
96.9%
1
0
0
5
10
96.1%
1
0
1
6
12
95.3%
1
1
0
7
14
94.5%
1
1
1
8
16
93.8%
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into 0x1B, 0x1C, 0x1D, 0x1E, 0x1F, 0x20, 0x21, and 0x22,
respectively.
Bits D1 and D0 are Don't Care.
Table 7-13. Interchannel Delay Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
Minimum absolute delay, 0 DCLK cycles, default for channel 1
0
1
1
1
1
1
Maximum positive delay, 31
= 4 DCLK cycles
1
0
0
0
0
0
Maximum negative delay, –32
= 4 DCLK cycles
1
0
0
0
0
0
Default value for channel 1 = –32
0
0
0
0
0
0
Default value for channel 2 = 0
1
1
0
0
0
0
Default value for channel 3 = –16
0
1
0
0
0
0
Default value for channel 4 = 16
1
0
1
0
0
0
Default value for channel 5 = –24
0
0
1
0
0
0
Default value for channel 6 = 8
1
1
1
0
0
0
Default value for channel 7 = –8
0
1
1
0
0
0
Default value for channel 8 = 24
The channel offset register is mapped into 0x23.
Table 7-14. Channel Offset Register Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
0
0
0
0
0
0
0
Minimum absolute offset, 0 DCLK cycles, default for channel 1
1
1
1
1
1
1
1
1
Maximum absolute offset, 255 DCLK cycles
Bits D31–D24, D22–D19 are Don't Care.
Submit Documentation Feedback
Serial-Control Interface Register Definitions
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com