Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 5Page - Texas Instruments TAS5508 Datasheet HTML 6Page - Texas Instruments TAS5508 Datasheet HTML 7Page - Texas Instruments TAS5508 Datasheet HTML 8Page - Texas Instruments TAS5508 Datasheet HTML 9Page - Texas Instruments TAS5508 Datasheet HTML 10Page - Texas Instruments TAS5508 Datasheet HTML 11Page - Texas Instruments TAS5508 Datasheet HTML 12Page - Texas Instruments TAS5508 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
1
Introduction PWM
1.1
Features
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
Frequencies, and Second-Order Slopes
• General Features
• L, R, and C
–
Automated Operation With an Easy-to-Use
• LS, RS
Control Interface
• LR, RR
–
I2C Serial-Control Slave Interface
• Sub
–
Integrated AM Interference-Avoidance
Circuitry
–
Configurable Loudness Compensation
–
Single, 3.3-V Power Supply
–
Two Dynamic Range Compressors With
Two Thresholds, Two Offsets, and Three
–
64-Pin TQFP Package
Slopes
–
5-V Tolerant Inputs
–
Seven Biquads Per Channel
• Audio Input/Output
–
Full 8
=8 Input Crossbar Mixer. Each
–
Automatic Master Clock Rate and Data
Signal-Processing Channel Input Can Be
Sample Rate Detection
Any Ratio of the Eight Input Channels.
–
Eight Serial Audio Input Channels
–
8
=2 Output Mixer – Channels 1–6. Each
–
Eight PWM Audio Output Channels
Output Can Be Any Ratio of Any Two
Configurable as Six Channels With Stereo
Signal-Processed Channels.
Lineout or Eight Channels
–
8
=3 Output Mixer – Channels 7 and 8.
–
Line Output Is a PWM Output to Drive an
Each Output Can Be Any Ratio of Any
External Differential-Input Operational
Three Signal-Processed Channels.
Amplifier
–
Three Coefficient Sets Stored on the Device
–
Headphone PWM Output to Drive an
Can Be Selected Manually or Automatically
External Differential Amplifier Like the
(Based on Specific Data Rates).
TPA112
–
DC Blocking Filters
–
PWM Outputs Support Single-Ended and
–
Able to Support a Variety of Bass
Bridge-Tied Loads
Management Algorithms
–
32-, 38-, 44.1-, 48-, 88.2-, 96-, 176.4-, and
• PWM Processing
192-kHz Sampling Rates
–
32-Bit Processing PWM Architecture With
–
Data Formats: 16-, 20-, or 24-Bit
40 Bits of Precision
Left-Justified, I2S, or Right-Justified Input
–
8
= Oversampling With Fifth-Order Noise
Data
Shaping at 32 kHz–48 kHz, 4
=
–
64-Fs Bit-Clock Rate
Oversampling at 88.2 kHz and 96 kHz, and
–
128-, 192-, 256-, 384-, 512-, and 768-Fs
2
= Oversampling at 176.4 kHz and 192 kHz
Master Clock Rates (Up to a Maximum of
–
>102-dB Dynamic Range
50 MHz)
–
THD+N < 0.1%
• Audio Processing
–
20-Hz–20-kHz, Flat Noise Floor for 44.1-,
–
48-Bit Processing Architecture With 76 Bits
48-, 88.2-, 96-, 176.4-, and 192-kHz Data
of Precision for Most Audio Processing
Rates
Features
–
Digital De-Emphasis for 32-, 44.1-, and
–
Volume Control Range 36 dB to –127 dB
48-kHz Data Rates
• Master Volume Control Range of 18 dB
–
Flexible Automute Logic With
to –100 dB
Programmable Threshold and Duration for
• Eight Individual Channel Volume Control
Noise-Free Operation
Ranges of 18 dB to –127 dB
–
Intelligent AM Interference-Avoidance
–
Programmable Soft Volume and Mute
System Provides Clear AM Reception
Update Rates
–
Power-Supply Volume Control (PSVC)
–
Four Bass and Treble Tone Controls with
Support for Enhanced Dynamic Range in
=18-dB Range, Selectable Corner
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PurePath Digital is a trademark of Texas Instruments.
Matlab is a trademark of Math Works, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com