Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8-Channel Digital Audio PWM Processor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 51Page - Texas Instruments TAS5508 Datasheet HTML 52Page - Texas Instruments TAS5508 Datasheet HTML 53Page - Texas Instruments TAS5508 Datasheet HTML 54Page - Texas Instruments TAS5508 Datasheet HTML 55Page - Texas Instruments TAS5508 Datasheet HTML 56Page - Texas Instruments TAS5508 Datasheet HTML 57Page - Texas Instruments TAS5508 Datasheet HTML 58Page - Texas Instruments TAS5508 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 105 page
background image
4
Electrical Specifications
4.1
Absolute Maximum Ratings
(1)
4.2
Dissipation Rating Table (High-k Board, 105
=C Junction)
4.3
Dynamic Performance At Recommended Operating Conditions at 25
=C
4.4
Recommended Operating Conditions
TAS5508
8-Channel Digital Audio PWM Processor
www.ti.com
SLES091D – FEBRUARY 2004 – REVISED JULY 2009
Supply voltage, DVDD and DVD_PWM
–0.3 V to 3.6 V
Supply voltage, AVDD_PLL
–0.3 V to 3.6 V
3.3-V digital input
–0.5 V to DVDD + 0.5 V
Input voltage
5 V tolerant(2) digital input
–0.5 V to 6 V
1.8 V LVCMOS(3)
–0.5 V to VREF(4) + 0.5 V
IIK
Input clamp current (VI < 0 or VI > 1.8 V
=20 mA
IOK
Output clamp current (VO < 0 or VO > 1.8 V)
=20 mA
TA
Operating free-air temperature
0
=C to 70=C
Tstg
Storage temperature range
–65
=C to 150=C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, SDIN4, SDA, and SCL.
(3)
VRA_PLL, VRD_PLL, VR_DPLL, VR_DIG, VR_PWM
(4)
VREF is a 1.8-V supply derived from regulators internal to the TAS5508 chip. VREF is on terminals VRA_PLL, VRD_PLL, VR_DPLL,
VR_DIG, and VR_PWM. These terminals are provided to permit use of external filter capacitors, but should not be used to source power
to external devices.
TA ≤ 25=C
DERATING FACTOR
TA = 70=C
PACKAGE
POWER RATING
ABOVE TA = 25=C
POWER RATING
PAG
1869 mW
23.36 mW/
=C
818 mW
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Dynamic range 32 kHz to 192 kHz
TAS5508 + TAS5111 A-weighted
102
dB
TAS5111 at 1 W
0.1%
Total harmonic distortion
TAS5508 ouput
0.01%
32-kHz to 96-kHz sample rates
=0.1
Frequency response
dB
176.4, 192-kHz sample rates
=0.2
MIN
NOM
MAX
UNIT
Digital supply voltage, DVDD and DVDD_PWM
3
3.3
3.6
V
Analog supply voltage, AVDD_PLL
3
3.3
3.6
V
3.3 V
2
VIH
High-level input voltage
5-V tolerant(1)
2
V
1.8-V LVCMOS (XTL_IN)
1.26
3.3 V
0.8
VIL
Low-level input voltage
5-V tolerant(1)
0.8
V
1.8-V (XTL_IN)
0.54
TA
Operating ambient-air temperature range
0
25
70
=C
TJ
Operating junction temperature range
–20
105
=C
(1)
5-V tolerant inputs are RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, SDIN4, SDA, and SCL.
Submit Documentation Feedback
Electrical Specifications
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com