| Electronic Components Datasheet Search |
|
TAS5508 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5508 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 105 page ![]() Noise Floor With No Additional Precision Maximum Signal Amplitude Ideal Input Possible Outputs Desired Output Filter Operation Signal Bits Input Overflow Reduced SNR Signal Output Noise Floor as a Result of Additional Precision Signal Bits Output Values Retained by Overflow Bits M0010-01 2.4 Input Crossbar Mixer Gain Coefficient 48 SDIN1-L 28 48 Gain Coefficient 48 28 48 SUM w w w Gain Coefficient 48 28 48 M0011-01 SDIN1-R SDIN4-R 2.5 Biquad Filters TAS5508 8-Channel Digital Audio PWM Processor SLES091D – FEBRUARY 2004 – REVISED JULY 2009 www.ti.com Figure 2-10. TAS5508 Digital Audio Processing The TAS5508 has a full 8 =8 input crossbar mixer. This mixer permits each signal processing channel input to be any ratio of any of the eight input channels, as shown in Figure 2-11. The control parameters for the input crossbar mixer are programmable via the I2C interface. See the Input Mixer Registers (0x41–0x48, Channels 1–8), Section 7.16, for more information. Figure 2-11. Input Crossbar Mixer For 32-kHz to 96-kHz data, the TAS5508 provides 56 biquads across the eight channels (seven per channel). For 176.4-kHz and 192-kHz data, the TAS5508 has 21 biquads across the three channels (seven per channel). All of the biquad filters are second-order direct form I structure. The direct form I structure provides a separate delay element and mixer (gain coefficient) for each node in the biquad filter. Each mixer output is a signed 76-bit product of a signed 48-bit data sample (25.23 format number) and a signed 28-bit coefficient (5.23 format number), as shown in Figure 2-12. The 76-bit ALU in the TAS5508 allows the 76-bit resolution to be retained when summing the mixer outputs (filter products). Description 28 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |